Electronic Components Datasheet Search
  English  ▼

X  

US1AF Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # US1AF
Description  ULTRA FAST RECOVE R Y RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

US1AF Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  US1AF Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. US1AF Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
2. Thermal resistance from junction to ambient.
ULTRA FAST RECOVERY RECTIFIERS
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
US1AF --- US1MF
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 1.0 A
1.
SAMYANG ELECTRONICS
SAM YANG
US1AF US1BF US1DF US1FF US1GF US1JF US1KF US1MF
SMAF
Dimensions in inches and (millimeters)
0.063(1.6 )
0.051(1.3)
5
°
0.110(2.8 )
0.094(2.4)
0.146(3.70)
0.128(3.25)
0.193(4.90)
0.172(4.35)
0.059(1.5)
0.035(0.9)
0.012(0.3)
0.004(0.1)
0.047(1.2)
0.028(0.6)


Similar Part No. - US1AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1AF PANJIT-US1AF Datasheet
285Kb / 5P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Guangdong Kexin Industr...
US1AF KEXIN-US1AF Datasheet
1Mb / 3P
Ultra Fast Recovery Diodes
logo
YENYO TECHNOLOGY Co., L...
US1AF YENYO-US1AF Datasheet
333Kb / 3P
1.0A Ultra Fast Recovery Rectifier
logo
Microdiode Semiconducto...
US1AF CHENDA-US1AF Datasheet
627Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US1AF

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
ULTRA FAST RECTIFIERS
logo
Microdiode Semiconducto...
UF5400 CHENDA-UF5400 Datasheet
534Kb / 2P
ULTRA FAST RECTIFIERS
logo
SUNMATE electronic Co.,...
RGP30A SUNMATE-RGP30A Datasheet
339Kb / 2P
FAST RECOVE R Y RECTIFIER DIODES
RGP50A SUNMATE-RGP50A Datasheet
363Kb / 2P
FAST RECOVE R Y RECTIFIER DIODES
RG1C SUNMATE-RG1C Datasheet
357Kb / 2P
ULTRA FAST RECOVER Y RECTIFIER DIODES
logo
DONGGUAN YOU FENG WEI E...
MUR410G YFWDIODE-MUR410G Datasheet
431Kb / 3P
Ultra Fast Rectifiers
logo
SAMYANG ELECTRONICS CO....
BYV95C SAMYANG-BYV95C Datasheet
1Mb / 2P
Fast R ecovery Rectifiers
US1AT SAMYANG-US1AT Datasheet
1Mb / 2P
ULTRA FAST RECOVE R Y RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com