Electronic Components Datasheet Search
  English  ▼

X  

VR60 Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # VR60
Description  SILICON VARISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

VR60 Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  VR60 Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. VR60 Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.diode.co.kr
1.
FEATURES
Molded case feature for auto insertion
High surge capability
High temperature soldering guaranteed:
250 /10S/9.5mm lead length at 5 lbs tension
MECHANICAL DATA
Case:Molded with UL-94 Class V-O recognized
flame retardant epoxy
Terminals: Plated axial leads,solderable per
MIL- STD-202E,Method 208C
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
IF
m A
IF
µ
A
color
Tj
TSTG
DO-15
UNITS
Operating junction temperature range
Storage temperature range
VF
Silver
SYMBOL TEST CONDITION
VALUE
VR60
VR61
positions
Color band
Assembly of chips
DC forw ard current
Maximumsurge current
Forw ard voltage
Forw ard current
20max
A
V
1.5max
2.75±0.25
2.30±0.25
0.5min
IF=70m A
150
400
8.3ms single
half-sine wave
35
25
IF=1A
IF=1m A
IF=10m A
VR60,VR61
DC FORWARD CURRENT: 400,150 mA
- 55 ---- + 100
- 55 ---- + 100
VF=0.2V
3.10±0.25
Ratings at
ambient temperature unless otherwise specified.
IFSM
SILICON
VARISTOR
SAMYANG ELECTRONICS
SAM YANG


Similar Part No. - VR60

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
VR60 RECTRON-VR60 Datasheet
146Kb / 2P
VARISTOR SILICON RECTIFIER (CURRENT 0.5 Ampere)
logo
Shanghai Sunrise Electr...
VR60 SSE-VR60 Datasheet
16Kb / 1P
SILICON VARISTOR
logo
Galaxy Semi-Conductor H...
VR60 BILIN-VR60 Datasheet
52Kb / 2P
SILICON VARISTOR
logo
Kwang Myoung I.S. CO.,L...
VR60 KISEMICONDUCTOR-VR60 Datasheet
2Mb / 2P
SILICON VARlSTOR
logo
Shindengen Electric Mfg...
VR60B SHINDENGEN-VR60B Datasheet
126Kb / 1P
Varistor
More results

Similar Description - VR60

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE601 NTE-NTE601 Datasheet
15Kb / 1P
Silicon Varistor Temperature Compensating Diode
NTE605A NTE-NTE605A Datasheet
19Kb / 1P
Silicon Varistor Temperature Compensating Diode
logo
Rectron Semiconductor
VR60 RECTRON-VR60 Datasheet
146Kb / 2P
VARISTOR SILICON RECTIFIER (CURRENT 0.5 Ampere)
logo
Shanghai Sunrise Electr...
VR60 SSE-VR60 Datasheet
16Kb / 1P
SILICON VARISTOR
logo
Ceramate Technical
GNR05D CERAMATE-GNR05D Datasheet
58Kb / 5P
VARISTOR
logo
Galaxy Semi-Conductor H...
VR60 BILIN-VR60 Datasheet
52Kb / 2P
SILICON VARISTOR
logo
NTE Electronics
NTE600 NTE-NTE600 Datasheet
69Kb / 1P
Silicon Varistor Temperature Compensating Diode
NTE601 NTE-NTE601_13 Datasheet
56Kb / 1P
Silicon Varistor Temperature Compensating Diode
NTE605A NTE-NTE605A_07 Datasheet
71Kb / 1P
Silicon Varistor Temperature Compensating Diode
NTE60A NTE-NTE60A_15 Datasheet
61Kb / 1P
Silicon Varistor Temperature Compensating Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com