Electronic Components Datasheet Search
  English  ▼

X  

PACDN009 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PACDN009
Description  5 Channel ESD Protection Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN009 Datasheet(HTML) 2 Page - California Micro Devices Corp

  PACDN009 Datasheet HTML 1Page - California Micro Devices Corp PACDN009 Datasheet HTML 2Page - California Micro Devices Corp PACDN009 Datasheet HTML 3Page - California Micro Devices Corp PACDN009 Datasheet HTML 4Page - California Micro Devices Corp PACDN009 Datasheet HTML 5Page - California Micro Devices Corp PACDN009 Datasheet HTML 6Page - California Micro Devices Corp PACDN009 Datasheet HTML 7Page - California Micro Devices Corp PACDN009 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
●
Tel: 408.263.3214
●
Fax: 408.263.7846
●
www.calmicro.com
09/21/04
PACDN009
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
PIN DESCRIPTIONS
PIN
NAME
TYPE
DESCRIPTION
1
CH 1
I/O
ESD Channel
2
N.C.
-
No connect
3VN
GND
Negative voltage supply rail or ground reference rail
4
CH 2
I/O
ESD Channel
5
CH 3
I/O
ESD Channel
6
CH 4
I/O
ESD Channel
7VP
Supply
Positive voltage supply rail
8
CH 5
I/O
ESD Channel
PACKAGE / PINOUT DIAGRAMS
PACDN009
1
2
3
4
8
7
6
5
CH 1
N.C.
VN
CH 2
CH 5
VP
CH 4
CH 3
TOP VIEW
Note: This drawing is not to scale.
8-lead MSOP Package
PART NUMBERING INFORMATION
Leads
Package
Standard Finish
Lead-free Finish
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
8
MSOP
PACDN009M
D009
PACDN009MR
009R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com