Electronic Components Datasheet Search
  English  ▼

X  

ALO25 Datasheet(PDF) 1 Page - Astec America, Inc

Part # ALO25
Description  25 Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALO25 Datasheet(HTML) 1 Page - Astec America, Inc

  ALO25 Datasheet HTML 1Page - Astec America, Inc ALO25 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
1
Special Features
Electrical Specs
Special Features
25 Amps
• High efficiency (88% Typical)
• -40°C to +85°C Ambient Air Operation
• Industry standard package
0.8" x 2.3" x 0.34"
• High capacitive load limit on start-up
• ON/OFF Enable
• Remote sense compensation
• Basic insulation
• Regulation to zero load
• Fixed frequency switching
Input
Input Range
18 to 36 VDC
Input Surge
50V /100ms
Efficiency
88%@3.3V Typ
Output
Line Regulation
±0.1%
Load Regulation
10mV Typ
Output Voltage
±1%
Setpoint
Noise/Ripple
40mV Typ
Remote sense
Up to 10% of Vo
Transient Response
5%Vo (typ) deviation
50% to 75% Load change
100µs (typ) recovery time
Overvoltage Protection
125% typ
Current Limit
110% nominal output
Switching Frequency
660kHz typ
Control
Voltage Adjust
90 to 110% Vo
Enable
TTL compatible
(positive & negative enable options)
Ambient air operating temperature range:
-40°C to +85°C
Storage temperature: -40°C to +125°C
Overtemperature protection: 115°C PCB
temperature (Typical)
MTBF: > 1 million hours
UL,cUL 60950
TUV
EN60950
Environmental
Total Power:
82W
Input Voltages:
24V
No. of Outputs:
Single
Safety
ALO25
High Efficiency 1/8 Brick


Similar Part No. - ALO25

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO25 ASTEC-ALO25 Datasheet
98Kb / 2P
66Watts
ALO25A48 ASTEC-ALO25A48 Datasheet
898Kb / 26P
AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
ALO25A48-6 ASTEC-ALO25A48-6 Datasheet
898Kb / 26P
AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
ALO25A48-6S ASTEC-ALO25A48-6S Datasheet
898Kb / 26P
AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
ALO25A48N ASTEC-ALO25A48N Datasheet
898Kb / 26P
AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
More results

Similar Description - ALO25

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N686 CENTRAL-2N686 Datasheet
98Kb / 2P
SILICON CONTROLLED RECTIFIER 25 AMPS, 25 THRU 800 VOLTS
logo
ON Semiconductor
NTD40N03R ONSEMI-NTD40N03R Datasheet
65Kb / 8P
Power MOSFET 45 Amps, 25 Volts
April, 2004 ??Rev. 5
logo
Taiwan Semiconductor Co...
MBR25100CT TSC-MBR25100CT Datasheet
1Mb / 2P
25 AMPS. Schottky Barrier Rectifiers
logo
Astec America, Inc
ALD25 ASTEC-ALD25 Datasheet
328Kb / 2P
25 Amps
ALQ25 ASTEC-ALQ25 Datasheet
58Kb / 2P
25 Amps,20 Amps,8.33 Amps
logo
Naina Semiconductor ltd...
NPT25 NAINA-NPT25 Datasheet
159Kb / 2P
Press Fit Triac, 25 Amps
NTT27A NAINA-NTT27A Datasheet
162Kb / 2P
Thyristor-Thyristor Module, 25 Amps
NTD27A NAINA-NTD27A Datasheet
171Kb / 3P
Thyristor-Diode Module, 25 Amps
NTD27 NAINA-NTD27 Datasheet
219Kb / 3P
Thyristor-Diode Module, 25 Amps
NTT27 NAINA-NTT27 Datasheet
206Kb / 2P
Thyristor-Thyristor Module, 25 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com