Electronic Components Datasheet Search
  English  ▼

X  

KBPC35005 Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # KBPC35005
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

KBPC35005 Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  KBPC35005 Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. KBPC35005 Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Rating to 1000V PRV
400 Amperes surge capability
High efficincy
Electrically isolated metal case for maximum heat
dissipation
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
KBPC
3502
KBPC
3504
KBPC
3506
KBPC
3508
KBPC
3510
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
Output current
@T
A=25
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
@ 17.5 A
VF
V
Maximum reverse current
@T
A=25
µA
at rated DC blocking voltage @T
A=100
mA
Operating junction temperature range
TJ
Storage temperature range
TSTG
KBPC35005---KBPC3510
KBPC
35005
KBPC
3501
50
100
1.1
1.0
400.0
IFSM
A
10.0
Mounting: thru hole for # 8 screw Mounting
IF(AV)
35.0
SILICON BRIDGE RECTIFIERS
A
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 35.0 A
35
50
KBPC35
- 55 ---- + 150
- 55 ---- + 125
IR
www.diode.co.kr
inch (mm)
1.
.452
(11.5)
1.181(30.0)
1.102(28.0)
MAX
.425(10.8)
.480(12.2)
.633(16.1)
.673(17.1)
.673(17.1)
.633(16.1)
.692(17.6)
.732(18.6)
.582(14.8)
.543(13.8)
(0.8x 6.4)
.033x 250
HOLE FOR
NO.8 SCREW
1.102(28.0)
1.181(30.0)
AC
AC
-
+
SAMYANG ELECTRONICS
SAM YANG


Similar Part No. - KBPC35005

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
KBPC35005 WINGS-KBPC35005 Datasheet
399Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 35 Amperes)
logo
Semtech Corporation
KBPC35005 SEMTECH-KBPC35005 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC35005 SSE-KBPC35005 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC35005 DCCOM-KBPC35005 Datasheet
560Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC35005

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com