Electronic Components Datasheet Search
  English  ▼

X  

KBPC50005 Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # KBPC50005
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

KBPC50005 Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  KBPC50005 Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. KBPC50005 Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Rating to 1000V PRV
500 Amperes surge capability
High efficincy
Electrically isolated metal case for maximum heat
dissipation
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
KBPC
5002
KBPC
5004
KBPC
5006
KBPC
5008
KBPC
5010
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
Output current
@T
A=25
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
@ 25.0 A
VF
V
Maximum reverse current
@T
A=25
µA
at rated DC blocking voltage @T
A=100
mA
Operating junction temperature range
TJ
Storage temperature range
TSTG
- 55 ---- + 150
- 55 ---- + 125
IR
SILICON BRIDGE RECTIFIERS
A
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 50.0 A
35
50
KBPC50
IFSM
A
10.0
Mounting: thru hole for # 8 screw Mounting
IF(AV)
50.0
KBPC50005---KBPC5010
KBPC
50005
KBPC
5001
50
100
1.1
1.0
500.0
www.diode.co.kr
1.
inch (mm)
.452
(11.5)
1.181(30.0)
1.102(28.0)
MAX
.425(10.8)
.480(12.2)
.633(16.1)
.673(17.1)
.673(17.1)
.633(16.1)
.692(17.6)
.732(18.6)
.582(14.8)
.543(13.8)
(0.8x 6.4)
.033x 250
HOLE FOR
NO.8 SCREW
1.102(28.0)
1.181(30.0)
AC
AC
-
+
SAMYANG ELECTRONICS
SAM YANG


Similar Part No. - KBPC50005

ManufacturerPart #DatasheetDescription
logo
Dc Components
KBPC50005 DCCOM-KBPC50005 Datasheet
469Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBPC50005 DAESAN-KBPC50005 Datasheet
231Kb / 2P
CURRENT 50.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBPC50005 BILIN-KBPC50005 Datasheet
159Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
KBPC50005 YANGJIE-KBPC50005 Datasheet
923Kb / 2P
SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
KBPC50005 SEMTECH_ELEC-KBPC50005 Datasheet
261Kb / 2P
HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIERS
More results

Similar Description - KBPC50005

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com