Electronic Components Datasheet Search
  English  ▼

X  

M2F Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # M2F
Description  PLASTIC SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

M2F Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  M2F Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. M2F Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
2. Thermal resistance from junction to ambient.
PLASTIC SILICON RECTIFIER
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
M1F --- M7F
VOLTAGE RANGE: 50 --- 1000V
CURRENT: 1.0 A
1.
SAMYANG ELECTRONICS
SAM YANG
M1F
M2F
M3F
M4F
M5F
M6F
M7F
SMAF
Dimensions in inches and (millimeters)
0.063(1.6 )
0.051(1.3)
5
°
0.110(2.8 )
0.094(2.4)
0.146(3.70)
0.128(3.25)
0.193(4.90)
0.172(4.35)
0.059(1.5)
0.035(0.9)
0.012(0.3)
0.004(0.1)
0.047(1.2)
0.028(0.6)


Similar Part No. - M2F

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
M2F CHENDA-M2F Datasheet
87Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Zibo Seno Electronic En...
M2F ZSELEC-M2F Datasheet
478Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Yixinwei Techn...
M2F YIXIN-M2F Datasheet
135Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
M2F YIXIN-M2F Datasheet
79Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Nanjing International G...
M2F DGNJDZ-M2F Datasheet
183Kb / 2P
1.0 AMP SURFACE MOUNT GENERAL RECTIFIERS
More results

Similar Description - M2F

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com