Electronic Components Datasheet Search
  English  ▼

X  

ALQ40 Datasheet(PDF) 1 Page - Astec America, Inc

Part # ALQ40
Description  40 Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ40 Datasheet(HTML) 1 Page - Astec America, Inc

  ALQ40 Datasheet HTML 1Page - Astec America, Inc ALQ40 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
1
Special Features
Electrical Specs
Special Features
40 Amps
• High efficiency (91% Typical)
• -40°C to +70°C Ambient Air Operation
• Industry standard package
1.48" x 2.30" x 0.38"
• High capacitive load limit on start-up
• Remote sense compensation
• Basic insulation
• Regulation to zero load
• Fixed frequency switching (200KHz)
Input
Input Range
36 to 75 VDC
Input Surge
100V /100ms
Efficiency
91%@3.3V Typ
Output
Load Regulation
10mV typical down to no load
(3V3 output and below)
Line Regulation
10mV typical
(3V3 output and below)
Voltage Tolerance
±1%
Noise/Ripple
100mV max typ
150mV max for 5V
Remote sense
Up to 10% of Vo
Transient Response
5% max deviation with 25% to 75% full
(output 5V and above)
200mV (output below 5V)
500µs (max) recovery
Overvoltage Protection
140% nominal output
Current Limit
140% nominal output
Switching Frequency
200KHz (typ)
Control
Voltage Adjust
90 to 110% for 5V output
80 to 110% for 3.3V and below
Enable
TTL compatible
(positive & negative enable options)
Ambient air operating temperature range:
-40°C to +70°C
Storage temperature: -40°C to +125°C
Overtemperature protection: 115°C typical
MTBF: > 1 million hours
UL,cUL 60950
TUV
EN60950
Environmental
Total Power:
144W
Input Voltages:
48V
No. of Outputs:
Single
Safety
ALQ40
High Efficiency Quarter Brick
Preliminary
REV 03: Dec 2003


Similar Part No. - ALQ40

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ40 ASTEC-ALQ40 Datasheet
215Kb / 16P
Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
logo
Emerson Network Power
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
High Efficiency Quarter Brick
logo
Astec America, Inc
ALQ40F48 ASTEC-ALQ40F48 Datasheet
275Kb / 2P
High Efficiency Quarter Brick, 50 Amps
ALQ40F48 ASTEC-ALQ40F48 Datasheet
215Kb / 16P
Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
logo
Emerson Network Power
ALQ40F48 EMERSON-NETWORKPOWER-ALQ40F48 Datasheet
275Kb / 2P
High Efficiency Quarter Brick
More results

Similar Description - ALQ40

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR2040 SSDI-SSR2040 Datasheet
203Kb / 2P
20 AMPS 40 VOLTS SCHOTTKY RECTIFIER
SSR2040J SSDI-SSR2040J Datasheet
196Kb / 2P
20 AMPS 40 VOLTS SCHOTTKY RECTIFIER
SSR2040M SSDI-SSR2040M Datasheet
212Kb / 2P
20 AMPS 40 VOLTS SCHOTTKY RECTIFIER
SSR4040CT SSDI-SSR4040CT Datasheet
214Kb / 2P
40 AMPS 40 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
logo
Winchester Electronics ...
SD01333 WINCHESTER-SD01333 Datasheet
73Kb / 1P
POWER SNAP SURFACE MOUNT 40 AMPS
logo
Naina Semiconductor ltd...
NPT40 NAINA-NPT40 Datasheet
155Kb / 2P
Press Fit Triac, 40 Amps
NTT42A NAINA-NTT42A Datasheet
162Kb / 2P
Thyristor-Thyristor Module, 40 Amps
NTD42A NAINA-NTD42A Datasheet
171Kb / 3P
Thyristor-Diode Module, 40 Amps
NTD42 NAINA-NTD42 Datasheet
219Kb / 3P
Thyristor-Diode Module, 40 Amps
NTT42 NAINA-NTT42 Datasheet
206Kb / 2P
Thyristor-Thyristor Module, 40 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com