Electronic Components Datasheet Search
  English  ▼

X  

MBRA340 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRA340
Description  Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRA340 Datasheet(HTML) 2 Page - ON Semiconductor

  MBRA340 Datasheet HTML 1Page - ON Semiconductor MBRA340 Datasheet HTML 2Page - ON Semiconductor MBRA340 Datasheet HTML 3Page - ON Semiconductor MBRA340 Datasheet HTML 4Page - ON Semiconductor MBRA340 Datasheet HTML 5Page - ON Semiconductor MBRA340 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRA340, NRVBA340, NRVBA340N
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Average Rectified Forward Current
(At Rated VR, TL = 100°C)
IO
3.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
100
A
Storage/Operating Case Temperature
Tstg, TC
−55 to +150
°C
Operating Junction Temperature (Note 1)
TJ
−55 to +150
°C
Voltage Rate of Change
(Rated VR, TJ = 25°C)
dv/dt
10,000
V/ms
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance − Junction−to−Lead (Note 2)
Thermal Resistance − Junction−to−Ambient (Note 2)
RθJL
RθJA
15
81
°C/W
2. Mounted on 2″ Square PC Board with 1″ Square Total Pad Size, PC Board FR4.
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 3)
(IF = 3.0 A)
VF
TJ = 25°C
TJ = 100°C
Volts
0.450
0.390
Maximum Instantaneous Reverse Current
(VR = 40 V)
IR
TJ = 25°C
TJ = 100°C
mA
0.3
15
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse Test: Pulse Width ≤ 250 μs, Duty Cycle ≤ 2.0%.
TYPICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
10
1
0.1
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.10
0.30
0.50
TJ = 125°C
TJ = −55°C
TJ = 25°C
0.20
0.40
0.60
TJ = 100°C
10
1
0.1
VF, MAXIMUM INSTANTANEOUS FORWARD
VOLTAGE (VOLTS)
0.10
0.30
0.50
TJ = 125°C
TJ = −55°C
TJ = 25°C
0.20
0.40
TJ = 100°C
0.60



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com