Electronic Components Datasheet Search
  English  ▼

X  

ALQ50 Datasheet(PDF) 1 Page - Astec America, Inc

Part # ALQ50
Description  High Efficiency Quarter Brick, 50 Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ50 Datasheet(HTML) 1 Page - Astec America, Inc

  ALQ50 Datasheet HTML 1Page - Astec America, Inc ALQ50 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
1
Special Features
Electrical Specs
Special Features
50 Amps
• Industry standard Quarter Brick package
1.48" x 2.30" x 0.38"
• Openfrmae low profile construction
• High capacitive load start-up
• Regulation to zero load
• Fixed frequency switching for EMI predictability
• Industry Standard Features: Input UVLO with
hysteresis, Enable, OCP, OCP, OTP, Output
Voltage Trim, Differential Remote Sense
• Meets Basic Insulation
Input
Input Range
36 to 75 VDC
Input Surge
100V /100ms
Efficiency
3.3V @ 91% (typical)
Output
Line / Load
< 0.3% Vo (typical)
Regulation
Output Current
up to 50A max
(3.3V at 40A max)
Noise/Ripple1
40mVPK-PK (typical)
Remote sense
Up to 10% of Vo
Transient Response
100mV (typ) deviation
50% to 75% Load change
250µs (typ) recovery
Overvoltage Protection
130% typ for Vo < 3.3V
125% typ for 3.3V
Over Current Protection
120% Iout typ (autorecovery)
Over Temperature
115C average PCB temperature
Protection
(autorecovery)
Switching Frequency
480kHz
540kHz (2.5V output)
Isolation Voltage
1500Vdc
Control
Voltage Voltage Trim
±10% VO,NOM
Enable
Postive or Negative Logic options
Operating Ambient Temperature: -40°C to +85°C
Storage Temperature: -40°C to +125°C
MTBF: > 1 million hours
UL, cUL 60950
TUV
EN60950
Environmental
Total Power:
132W
Input Voltages:
48V
No. of Outputs:
Single
Safety
ALQ50
High Efficiency Quarter Brick


Similar Part No. - ALQ50

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ50 ASTEC-ALQ50 Datasheet
215Kb / 16P
Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
logo
Emerson Network Power
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
High Efficiency Quarter Brick
logo
Astec America, Inc
ALQ50G48 ASTEC-ALQ50G48 Datasheet
215Kb / 16P
Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
logo
Emerson Network Power
ALQ50G48 EMERSON-NETWORKPOWER-ALQ50G48 Datasheet
275Kb / 2P
High Efficiency Quarter Brick
ALQ50G48N EMERSON-NETWORKPOWER-ALQ50G48N Datasheet
275Kb / 2P
High Efficiency Quarter Brick
More results

Similar Description - ALQ50

ManufacturerPart #DatasheetDescription
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
Quarter-Brick
logo
Emerson Network Power
AEQ EMERSON-NETWORKPOWER-AEQ Datasheet
189Kb / 2P
High Efficiency Quarter Brick
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
High Efficiency Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
High Efficiency Quarter Brick
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
Quarter-Brick Series
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
Quarter-Brick Series
logo
Astrodyne Corporation
ASD150-24S5QB ASTRODYNE-ASD150-24S5QB Datasheet
1Mb / 8P
150 Watt, High Efficiency, Quarter Brick DC/DC Converter
logo
DATEL, Inc.
QBR87S48-1.05 DATEL-QBR87S48-1.05 Datasheet
141Kb / 1P
Quarter-Brick, 50-Watt, 48 Volts Output
QBR87S24-2.1 DATEL-QBR87S24-2.1 Datasheet
141Kb / 1P
Quarter-Brick, 50-Watt, 24 Volts Output
QBR87S12-4.2 DATEL-QBR87S12-4.2 Datasheet
141Kb / 1P
Quarter-Brick, 50-Watt, 12 Volts Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com