Electronic Components Datasheet Search
  English  ▼

X  

ALT06F48 Datasheet(PDF) 1 Page - Astec America, Inc

Part # ALT06F48
Description  25-30 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALT06F48 Datasheet(HTML) 1 Page - Astec America, Inc

  ALT06F48 Datasheet HTML 1Page - Astec America, Inc ALT06F48 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
2
Electrical Specs
Special Features
25-30 Watts
ALT
ALT Dual
• 25W Single and 30W Dual output
• 2:1Input range
• Open Frame package
• 1.6” X 2.0” X0.48”
• Positive and Negative enable function
• Industry standard package
Environmental
Operating temperature
-40°C to +55°C (ambient temperature)
Storage temperature: -55°C to +125°C
MTBF: 2 million hours (Bellcore TR332)
Input
Input range
48Vin:36-75 VDC
24Vin: 18 - 36VDC
Input Surge
48Vin: 100V / 100ms
24Vin: 50V / 100ms
Efficiency
87%@5.0V (Typical)
Control
Enable
TTL compatible
(positive & negative enable
options)
Output
Regulation
Line
<0.2%
Load
<0.5%
Ripple & Noise
75mV p-p for 3.3V and 5V of
48Vin
100mV p-p for 3.3V and 5V of
24Vin
150mV p-p for 12V and 15V
150mV p-p for dual output
Output voltage
adjust range
+/-10% of nominal output
Transient Response
3% max deviation with
50% to 75% full load
200 µS (max) recovery for 48Vin
300 µS (max) recovery for 24Vin
Overvoltage Protection
19V for 15V output
16V for 12V output
7V for 5V ouptut
5V for 3.3Voutput
Isolation
I/O isolation
1500VDC (Basic insulation)
Safety
UL
1950 Recognized
CSA
CSA22.2 - 950
VDE
EN60950 Licensed
Total Power:
25 Watts for Single, 30Watts for Dual output
Input Voltages:
48 V, 24V
No. of Outputs:
Single, Dual


Similar Part No. - ALT06F48

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALT06F48 EMERSON-NETWORKPOWER-ALT06F48 Datasheet
156Kb / 2P
25W Single and 30W Dual output
logo
Astec America, Inc
ALT06F48 ASTEC-ALT06F48 Datasheet
845Kb / 2P
TTL compatible
More results

Similar Description - ALT06F48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VTV300 ETC-VTV300 Datasheet
402Kb / 3P
30 Watts, 25 Volts VHF Television - Band III
S25-50 ETC-S25-50 Datasheet
150Kb / 3P
25 WATTS - 12.5 VOLTS 1.5-30 MHZ
logo
Astec America, Inc
AA25N ASTEC-AA25N Datasheet
516Kb / 2P
25 Watts
AEV05F24 ASTEC-AEV05F24 Datasheet
434Kb / 2P
25 Watts
APC08 ASTEC-APC08 Datasheet
389Kb / 2P
30 Watts
LPS25 ASTEC-LPS25 Datasheet
77Kb / 3P
25 Watts
LPT25 ASTEC-LPT25 Datasheet
79Kb / 3P
25 Watts
logo
Power-One
BLP30-1005G POWER-ONE-BLP30-1005G Datasheet
83Kb / 6P
30 Watts
logo
Powerbox
MAH35 POWERBOX-MAH35 Datasheet
519Kb / 2P
25-30 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
PMP30 POWERBOX-PMP30 Datasheet
465Kb / 2P
25 - 30 WATTS SINGLE OUTPUT AC/DC MEDICAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com