Electronic Components Datasheet Search
  English  ▼

X  

TL431A Datasheet(PDF) 4 Page - ON Semiconductor

Part # TL431A
Description  Programmable Precision References
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431A Datasheet(HTML) 4 Page - ON Semiconductor

  TL431A Datasheet HTML 1Page - ON Semiconductor TL431A Datasheet HTML 2Page - ON Semiconductor TL431A Datasheet HTML 3Page - ON Semiconductor TL431A Datasheet HTML 4Page - ON Semiconductor TL431A Datasheet HTML 5Page - ON Semiconductor TL431A Datasheet HTML 6Page - ON Semiconductor TL431A Datasheet HTML 7Page - ON Semiconductor TL431A Datasheet HTML 8Page - ON Semiconductor TL431A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TL431A, B Series, NCV431A, B Series, SCV431A
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
TL431AI /
NCV431AI/
SCV431AI
TL431AC
TL431BC / TL431BI /
TL431BV /
NCV431BV
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Reference Input Voltage (Figure 1)
VKA = Vref, IK = 10 mA
TA = 25°C
TA = Tlow to Thigh (Note 6)
Vref
2.47
2.44
2.495
−
2.52
2.55
2.47
2.453
2.495
−
2.52
2.537
2.485
2.475
2.495
2.495
2.505
2.515
V
Reference Input Voltage Deviation Over
Temperature Range (Figure 1, Notes 7, 8)
VKA= Vref, IK = 10 mA
DVref
−
7.0
30
−
3.0
17
−
3.0
17
mV
Ratio of Change in Reference Input Voltage to
Change in Cathode to Anode Voltage
IK = 10 mA (Figure 2),
DVKA = 10 V to Vref
DVKA = 36 V to 10 V
DVref
DVKA
−
−
−1.4
−1.0
−2.7
−2.0
−
−
−1.4
−1.0
−2.7
−2.0
−
−
−1.4
−1.0
−2.7
−2.0
mV/V
Reference Input Current (Figure 2)
IK = 10 mA, R1 = 10 k, R2 = ∞
TA = 25°C
TA = Tlow to Thigh (Note 6)
Iref
−
−
1.8
−
4.0
6.5
−
−
1.8
−
4.0
5.2
−
−
1.1
−
2.0
4.0
mA
Reference Input Current Deviation Over
Temperature Range (Figure 2, Note 7)
IK = 10 mA, R1 = 10 k, R2 = ∞
DIref
−
0.8
2.5
−
0.4
1.2
−
0.8
2.5
mA
Minimum Cathode Current For Regulation
VKA = Vref (Figure 1)
Imin
−
0.5
1.0
−
0.5
1.0
−
0.5
1.0
mA
Off−State Cathode Current (Figure 3)
VKA = 36 V, Vref = 0 V
Ioff
−
20
1000
−
20
1000
−
0.23
500
nA
Dynamic Impedance (Figure 1, Note 9)
VKA = Vref, DIK = 1.0 mA to 100 mA
f ≤ 1.0 kHz
|ZKA|
−
0.22
0.5
−
0.22
0.5
−
0.14
0.3
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. Tlow = −40°C for TL431AIP TL431AILP, TL431IP, TL431ILP, TL431BID, TL431BIP, TL431BILP, TL431BV, TL431AIDM, TL431IDM,
TL431BIDM, NCV431AIDMR2G, NCV431AIDR2G, NCV431BVDR2G, SCV431AIDMR2G
=0°C for TL431ACP, TL431ACLP, TL431CP, TL431CLP, TL431CD, TL431ACD, TL431BCD, TL431BCP, TL431BCLP, TL431CDM,
TL431ACDM, TL431BCDM, SCV431AIDMR2G
Thigh = +85°C for TL431AIP, TL431AILP, TL431IP, TL431ILP, TL431BID, TL431BIP, TL431BILP, TL431IDM, TL431AIDM, TL431BIDM
= +70°C for TL431ACP, TL431ACLP, TL431CP, TL431ACD, TL431BCD, TL431BCP, TL431BCLP, TL431CDM, TL431ACDM,
TL431BCDM
= +125°C TL431BV, NCV431AIDMR2G, NCV431AIDR2G, NCV431BVDMR2G, NCV431BVDR2G, SCV431AIDMR2G
7. Guaranteed by design.
8. The deviation parameter DVref is defined as the difference between the maximum and minimum values obtained over the full operating
ambient temperature range that applies.
DVref = Vref max
-Vref min
DTA = T2 - T1
T2
Ambient Temperature
T1
Vref min
Vref max
The average temperature coefficient of the reference input voltage, aVref is defined as:
Vref
ppm
_C
+
D Vref
Vref @25_C
X106
D TA
+
D Vref x106
D TA (Vref @25_C)
aVref can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature. (Refer to Figure 6.)
Example : DVref + 8.0 mV and slope is positive,
Vref @25_C + 2.495 V,DTA + 70_C
a Vref +
0.008 x 106
70 (2.495) +
45.8 ppm _C
9. The dynamic impedance ZKA is defined as |ZKA| +
D VKA
D IK
When the device is programmed with two external resistors, R1 and R2, (refer
to Figure 2) the total dynamic impedance of the circuit is defined as: |ZKA | [ |ZKA| 1 )
R1
R2
10.NCV431AIDMR2G, NCV431AIDR2G, NCV431BVDMR2G, NCV431BVDR2G, SCV431AIDMR2G Tlow = −40°C, Thigh = +125°C.
NCV prefix is for automotive and other applications requiring unique site and control change requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com