Electronic Components Datasheet Search
  English  ▼

X  

TL431B Datasheet(PDF) 13 Page - ON Semiconductor

Part # TL431B
Description  Programmable Precision References
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431B Datasheet(HTML) 13 Page - ON Semiconductor

Back Button TL431B Datasheet HTML 9Page - ON Semiconductor TL431B Datasheet HTML 10Page - ON Semiconductor TL431B Datasheet HTML 11Page - ON Semiconductor TL431B Datasheet HTML 12Page - ON Semiconductor TL431B Datasheet HTML 13Page - ON Semiconductor TL431B Datasheet HTML 14Page - ON Semiconductor TL431B Datasheet HTML 15Page - ON Semiconductor TL431B Datasheet HTML 16Page - ON Semiconductor TL431B Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TL431A, B Series, NCV431A, B Series, SCV431A
www.onsemi.com
13
ORDERING INFORMATION
Device
Marking
Code
Operating Temperature Range
Package Code
Shipping Information†
Tolerance
TL431ACDG
AC
0°C to 70°C
SOIC−8
(Pb−Free)
98 Units / Rail
1.0%
TL431BCDG
BC
0.4%
TL431CDG
C
2.2%
TL431ACDR2G
AC
2500 / Tape & Reel
1.0%
TL431BCDR2G
BC
0.4%
TL431CDR2G
C
2.2%
TL431ACDMR2G
TAC
Micro8
(Pb−Free)
4000 / Tape & Reel
1.0%
TL431BCDMR2G
TBC
0.4%
TL431CDMR2G
T−C
2.2%
TL431ACPG
ACP
PDIP−8
(Pb−Free)
50 Units / Rail
1.0%
TL431BCPG
BCP
0.4%
TL431CPG
CP
2.2%
TL431ACLPG
ACLP
TO−92
(Pb−Free)
2000 Units / Bag
1.0%
TL431BCLPG
BCLP
0.4%
TL431CLPG
CLP
2.2%
TL431ACLPRAG
ACLP
2000 / Tape & Reel
1.0%
TL431BCLPRAG
BCLP
0.4%
TL431CLPRAG
CLP
2.2%
TL431ACLPREG
ACLP
1.0%
TL431BCLPREG
BCLP
0.4%
TL431CLPREG
CLP
2.2%
TL431ACLPRPG
ACLP
2000 / Tape & Ammo Box
1.0%
TL431BCLPRMG
BCLP
2000 / Fan−Fold
0.4%
TL431CLPRMG
CLP
2.2%
TL431CLPRPG
CLP
TL431AIDG
AI
−40°C to 85°C
SOIC−8
(Pb−Free)
98 Units / Rail
1.0%
TL431BIDG
BI
0.4%
TL431IDG
I
2.2%
TL431AIDR2G
AI
2500s / Tape & Reel
1.0%
TL431BIDR2G
BI
0.4%
TL431IDR2G
I
2.2%
TL431AIDMR2G
TAI
Micro8
(Pb−Free)
4000 / Tape & Reel
1.0%
TL431BIDMR2G
TBI
0.4%
TL431IDMR2G
T−I
2.2%
TL431AIPG
AIP
PDIP−8
(Pb−Free)
50 Units / Rail
1.0%
TL431BIPG
BIP
0.4%
TL431IPG
IP
2.2%
TL431AILPG
AILP
TO−92
(Pb−Free)
2000 Units / Bag
1.0%
TL431BILPG
BILP
0.4%
TL431ILPG
ILP
2.2%
TL431AILPRAG
AILP
2000 / Tape & Reel
1.0%
TL431BILPRAG
BILP
0.4%
SC431ILPRAG
ILP
2.2%
TL431ILPRAG
ILP
TL431AILPRMG
AILP
2000 / Tape & Ammo Box
1.0%
TL431AILPRPG
TL431ILPRPG
ILP
2.2%
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV/SCV Prefixes for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified
and PPAP Capable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com