Electronic Components Datasheet Search
  English  ▼

X  

2140 Datasheet(PDF) 1 Page - Alpha Wire

Part # 2140
Description  Customer Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2140 Datasheet(HTML) 1 Page - Alpha Wire

  2140 Datasheet HTML 1Page - Alpha Wire 2140 Datasheet HTML 2Page - Alpha Wire 2140 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Customer Specification
PART NO. 2140
Construction
Applicable Specifications
Environmental
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
1) Conductor
a) Material
Tinned Copper, per ASTMB-33 and CID-A-A-59551
b) Stranding
Solid
c) Diameter
0.0063"
2) Braid Data
a) Nominal ID
3/16
b) AWG of Ends
34
c) Number of Carriers
24
d) Nominal Percent Coverage
94
e) Total Number of Ends
144
f) Approx. Equiv. AWG
13
g) Approx. Ampacity
38Amps
h) Federal Spec Number
N/A
1) DSCC CID A-A-59569A
1) EU Directive 2011/65/EU(RoHS2):
All materials used in the manufacture of this part meet the requirements of
European Directive 2011/65/EU regarding the restriction of use of certain
hazardous substances in electrical and electronic equipment.  No
Exemptions are required for RoHS Compliance on this item.  Consult Alpha
Wire's web site for RoHS C of C.
2) REACH Regulation (EC 1907/2006):


Similar Part No. - 2140

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
2140 BIVAR-2140 Datasheet
177Kb / 2P
IP67 Rigid Heavy Duty Light Pipe
01/18/2021
2140 BIVAR-2140 Datasheet
177Kb / 2P
IP67 Rigid Heavy Duty Light Pipe
01/18/2021
2140 BIVAR-2140 Datasheet
177Kb / 2P
IP67 Rigid Heavy Duty Light Pipe
01/18/2021
2140 BIVAR-2140 Datasheet
177Kb / 2P
IP67 Rigid Heavy Duty Light Pipe
01/18/2021
2140 BIVAR-2140 Datasheet
177Kb / 2P
IP67 Rigid Heavy Duty Light Pipe
01/18/2021
More results

Similar Description - 2140

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com