Electronic Components Datasheet Search
  English  ▼

X  

2142 Datasheet(PDF) 1 Page - Alpha Wire

Part # 2142
Description  Customer Specifications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2142 Datasheet(HTML) 1 Page - Alpha Wire

  2142 Datasheet HTML 1Page - Alpha Wire 2142 Datasheet HTML 2Page - Alpha Wire 2142 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Customer Specification
PART NO. 2142
Construction
Applicable Specifications
Environmental
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
1) Conductor
a) Material
Tinned Copper, per ASTMB-33 and CID-A-A-59551
b) Stranding
Solid
c) Diameter
0.0063"
2) Braid Data
a) Nominal ID
1/4
b) AWG of Ends
34
c) Number of Carriers
24
d) Nominal Percent Coverage
91
e) Total Number of Ends
168
f) Approx. Equiv. AWG
12
g) Approx. Ampacity
41Amps
h) Federal Spec Number
N/A
1) DSCC CID A-A-59569A
1) EU Directive 2011/65/EU(RoHS2):
All materials used in the manufacture of this part meet the requirements of
European Directive 2011/65/EU regarding the restriction of use of certain
hazardous substances in electrical and electronic equipment.  No
Exemptions are required for RoHS Compliance on this item.  Consult Alpha
Wire's web site for RoHS C of C.
2) REACH Regulation (EC 1907/2006):


Similar Part No. - 2142

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2142 POMONA-2142 Datasheet
143Kb / 1P
Insulated Miniature Banana Jack
logo
Heyco.
2142 HEYCO-2142 Datasheet
155Kb / 1P
Metric Snap Bushings
logo
CEE Norm UK Ltd
2142 CEENORM-2142 Datasheet
419Kb / 2P
Plugs
logo
Alpha Wire
2142 SV005 ALPHAWIRE-2142 SV005 Datasheet
345Kb / 3P
Customer Specification
7/11/2016
logo
Pomona Electronics
2142-0 POMONA-2142-0 Datasheet
143Kb / 1P
Insulated Miniature Banana Jack
More results

Similar Description - 2142

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com