Electronic Components Datasheet Search
  English  ▼

X  

2156 Datasheet(PDF) 1 Page - Alpha Wire

Part # 2156
Description  Customer Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2156 Datasheet(HTML) 1 Page - Alpha Wire

  2156 Datasheet HTML 1Page - Alpha Wire 2156 Datasheet HTML 2Page - Alpha Wire 2156 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Customer Specification
PART NO. 2156
Construction
Environmental
Other
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
1) Conductor
   a) Material
Brass, Alloy 260 per ASTM B-134
   b) Stranding
Solid
2) Braid Data 
                                   
   a) Nominal Size  
1/4"
   b) Expansion Range
1/4" to 3/8" 
   c) Number of Carriers
24
   d) Nominal Percent Coverage    
N/A
   e) Total Number of Ends/Carrier 
16
   f) Approx. DC Resistance
4.3 (Ohms/1000ft) 
   g) Max Pulling Tension 
30.2 lbs 
   h) Weight
30 lbs/1000ft
1) Packaging 
   a) 100 ft. 
6.5"x 3.75"x 3.25", 2 Pieces Max., 20ft. Min. Length 
Spool size may vary slightly
 
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207


Similar Part No. - 2156

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
2156 GILWAY-2156 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
logo
KR Electronics, Inc.
2156 KR-2156 Datasheet
20Kb / 1P
Lowpass Filter
logo
Heyco.
2156 HEYCO-2156 Datasheet
105Kb / 1P
Universal Bushings
logo
Keystone Electronics Co...
2156 KEYSTONE-2156 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
KR Electronics, Inc.
2156-10-75 KR-2156-10-75 Datasheet
20Kb / 2P
Lowpass Filter
More results

Similar Description - 2156

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com