Electronic Components Datasheet Search
  English  ▼

X  

ZSC31050 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ZSC31050
Description  Advanced Differential Sensor Signal Conditioner
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31050 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ZSC31050 Datasheet HTML 19Page - Renesas Technology Corp ZSC31050 Datasheet HTML 20Page - Renesas Technology Corp ZSC31050 Datasheet HTML 21Page - Renesas Technology Corp ZSC31050 Datasheet HTML 22Page - Renesas Technology Corp ZSC31050 Datasheet HTML 23Page - Renesas Technology Corp ZSC31050 Datasheet HTML 24Page - Renesas Technology Corp ZSC31050 Datasheet HTML 25Page - Renesas Technology Corp ZSC31050 Datasheet HTML 26Page - Renesas Technology Corp ZSC31050 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
ZSC31050 Datasheet
© 2022 Renesas Electronics Corporation
23
January 14, 2022
Figure 7. Application Example 5
Two-wire 4mA to 20mA configuration (7 to 48 V), temperature compensation via internal diode
Sensor Bridge
2
1
3
4
6
5
7
8
15
16
14
13
11
12
10
9
VDDA
IN3
VGATE
IO1
IO2
SCL
SDA
VDD
VINN
VSS
VINP
VBR
IR_TEMP
FBP
OUT
FBN
SCL
SDA
GND
VSUPP
ZD
7.5V
Re
150
Ω
Rsens
50
Ω
VDDA = 5V
+7V to +48V
IO1
IO2
C2
0.1µF
C3
10nF
C1
0.1µF
(Current Loop+)
(Current Loop)
Serial Interface
Flexible I/Os
RB
2.2k
Ω
C4
220pF
Note: It is possible to combine or separate connectivity of different application examples. For VDD generation, Renesas recommends using the
internal supply voltage regulator with an external capacitor. Refer the ZSC31050 Application Note—Current Loop for use of supply voltage
regulation features (non-ratiometric mode) and current loop output mode.
4. ESD/Latch-Up-Protection
All pins have an ESD protection of >2000V, except the VINN, VINP, and FBP pins, which have an ESD protection >1200V. All pins have a
latch-up protection of
100mA or +8V/ –4V (relative to VSS/VSSA). Refer to section 5 for details and restrictions. ESD protection referenced to
the Human Body Model is tested with devices in 16-SSOP packages during product qualification. The ESD test follows the Human Body Model
with 1.5kOhm/100pF based on MIL 883, method 3015.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com