Electronic Components Datasheet Search
  English  ▼

X  

APC18 Datasheet(PDF) 1 Page - Astec America, Inc

Part # APC18
Description  60 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC18 Datasheet(HTML) 1 Page - Astec America, Inc

  APC18 Datasheet HTML 1Page - Astec America, Inc APC18 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
2
Special Features
Electrical Specs
2
Special Features
Electrical Specs
60 Watts
APC18 (18 Amps)
• Point of load (POL) applications
• High Current slew rate at 2.5A/us1
• Open frame SMT
• High efficiency, 3.3V @ 95% (Typ)
• Adjustable Output through external resistor
programming
• -40°C to +85°C Ambient operating temperature
• UVLO protection
• Positive Enable function
• Low output ripple and noise
• Regulation to zero load
Environmental
Operating temperature
-40°C to +85°C
Storage temperature: -40°C to +125°C
MTBF: >1 million hours
Input
Input range
3.0V to 5.5V
Efficiency
3.3V @ 95% (Typ)
Control
Enable
TTL compatible
(positive enable)
Output
Regulation
(Line, Load, Temp)
<3%
Load Current
18A max
Ripple and noise1
50mV
Output Adjust Range
0.75V - 3.6V
Current Slew Rate
up to 2.5A/µS
Transient Response1
150mV typical deviation (3.3Vo)
for 50% to 100% step load
200 µS recovery
Remote Sense
10% of Vo
Turn On Input Voltage
3.0V (Typical)
UVLO Hysterisis
300mV (Typical)
OCP/OTP
Hiccup - auto recovery
Isolation
Non-Isolated module
Specifications subject to change without notice.
Safety
UL, cUL 609500 Recognized (Pending)
TUV
EN60950 Licensed (Pending)
Total Power:
60 Watts
Input Voltages:
3.0V to 5.5V
No. of Outputs:
Single


Similar Part No. - APC18

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
APC18 EMERSON-NETWORKPOWER-APC18 Datasheet
749Kb / 2P
High efficiency, 3.3V @ 95% (Typ)
logo
Allied Components Inter...
APC1811-4036 ALLIED-APC1811-4036 Datasheet
416Kb / 1P
1811 Through Hole Port Core Design
logo
Astec America, Inc
APC18T04 ASTEC-APC18T04 Datasheet
327Kb / 13P
3.0-5.5Vin / 18A Non-Isolated Point-of-Load
logo
Emerson Network Power
APC18T04-9 EMERSON-NETWORKPOWER-APC18T04-9 Datasheet
749Kb / 2P
High efficiency, 3.3V @ 95% (Typ)
APC18T04-9J EMERSON-NETWORKPOWER-APC18T04-9J Datasheet
749Kb / 2P
High efficiency, 3.3V @ 95% (Typ)
More results

Similar Description - APC18

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15AF48N-6 ASTEC-ALQ15AF48N-6 Datasheet
408Kb / 2P
60 Watts
APA18 ASTEC-APA18 Datasheet
202Kb / 2P
60 Watts
DAS60-480 ASTEC-DAS60-480 Datasheet
137Kb / 2P
60 Watts
DPS50-M ASTEC-DPS50-M Datasheet
465Kb / 2P
60 Watts
LPS50 ASTEC-LPS50 Datasheet
595Kb / 2P
60 Watts
LPS50-M ASTEC-LPS50-M Datasheet
595Kb / 2P
60 Watts
logo
Emerson Network Power
NPS62-M EMERSON-NETWORKPOWER-NPS62-M Datasheet
388Kb / 3P
60 Watts
logo
Anaren Microwave
60-50TP ANAREN-60-50TP Datasheet
284Kb / 2P
60 Watts
60-50TPR ANAREN-60-50TPR Datasheet
227Kb / 2P
60 Watts
60-50TP-S ANAREN-60-50TP-S Datasheet
284Kb / 2P
60 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com