Electronic Components Datasheet Search
  English  ▼

X  

S3DA Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # S3DA
Description  PLASTIC SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

S3DA Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  S3DA Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. S3DA Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified
S3DA S3GA S3JA S3KA S3MA
Maximumrecurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
MaximumRMS voltage
VRWS
140
280
420
560
700
V
MaximumDCBlocking Voltage
VDC
200
400
600
800
1000
V
Maximumaverage forword rectified current
V @ T
L=90
O
C
IF(AV)
A
Peak forward surge current @ T
L = 110°C 8.3ms
V single half-sine-wave superimposed on rated
V load(JEDECMethod)
IFSM
A
MaximumInstantaneous forward voltage at 3.0 A
VF
V
MaximumDCreverse current
@T
A=25
o
C
at rated DCblockjing voltage @T
A=100
o
C
Typical junction capacitance
CJ
pF
JA
Operating junction and storage temperature range
TJTSTG
oC
Terminals:Solder plated, solderable per MIL-STD-
1111750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.002 ounces, 0.064 gram
3.0
IR
50
100.0
2. Thermal resistance f rom junction to ambient and junction to lead P.C.B.mounted on 0.27''X0.27''(7.0X7.0mm2) copper pad areas
35
oC/W
Typical thermal resitance (NOTE 2)
100.0
1.15
-55--------+150
10.0
NOTE: 1.Measured at 1.0MHz and applied reverse voltage of 4.0 Volts
100
35
70
Plastic package has underwriters laboratory
111 flammabilityclassification 94V-0
100
For surface mounted applications
50
S3BA
UNITS
Glass passivated chip junction
S3AA --- S3MA
111REVERSE VOLTAGE: 50 --- 1000 V
CURRENT: 3.0 A
Built-in strain relief,ideal for automated placement
Case:JEDEC DO-214AC,molded plastic over
1111passivated chip
High temperature soldering:
111 250oC/10 seconds at terminals
Low profile package
S3AA
www.diode.co.kr
1.
40
R
SAMYANG ELECTRONICS
SAM YANG
DO- 214AC(SMA)
inch(mm)
PLASTIC SILICON RECTIFIER


Similar Part No. - S3DA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3DA PANJIT-S3DA Datasheet
261Kb / 4P
SURFACE GENERAL PURPOSE RECTIFIER
May 3,2018-REV.01
S3DA_R1_00001 PANJIT-S3DA_R1_00001 Datasheet
261Kb / 4P
SURFACE GENERAL PURPOSE RECTIFIER
May 3,2018-REV.01
S3DA_R2_00001 PANJIT-S3DA_R2_00001 Datasheet
261Kb / 4P
SURFACE GENERAL PURPOSE RECTIFIER
May 3,2018-REV.01
More results

Similar Description - S3DA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com