Electronic Components Datasheet Search
  English  ▼

X  

QSFP Datasheet(PDF) 1 Page - Samtec, Inc

Part # QSFP
Description  QSFP CONNECTOR & CAGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QSFP Datasheet(HTML) 1 Page - Samtec, Inc

  QSFP Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(0.80 mm) .0315"
QSFP8, QSFPC-PF, QSFPK-PF SERIES
QSFPC–PF–02
QSFP8–038–01–L–D–RA1
Due to technical progress, all designs, specifications and components are subject to change without notice.
All parts within this catalog are built to Samtec’s specifications.
Customer specific requirements must be approved by Samtec and identified in a Samtec customer-specific drawing to apply.
WWW.SAMTEC.COM
CARD
THICKNESS
NO. OF
POSITIONS
PLATING
QSFP8
RA1
D
–038
= Total Number of Positions
–01
= (1.00 mm) .039"
thick card
For complete specifications and
recommended PCB layouts see
www.samtec.com?QSFP8
Insulator Material:
LCP
Contact Material:
Phosphor Bronze
Ground Plane:
Phosphor Bronze
Plating:
Au or Sn over 50 µ" (1.27 µm) Ni
Current Rating (QSFP8/Card):
1.6 A per pin
(2 pins powered)
Note:
Some lengths, styles and
options are non-standard,
non-returnable.
QSFP CONNECTOR & CAGE
–L
= 10 µ" (0.25 µm) Gold on contact,
Matte Tin on tail
For complete specifications see
www.samtec.com?QSFPC-PF or
www.samtec.com?QSFPK-PF
Note:
Some sizes, styles and
options are non-standard,
non-returnable.
TYPE
TERMINATION
OPTION
QSFPC
= Cage
QSFPK
= Cage and Connector Kit
–PF
= Press-fit
SPECIFICATIONS
SPECIFICATIONS
(20.76)
.817
(19.94)
.785
(11.91)
.469
(58.80) 2.315
(7.20)
.283
(45.65) 1.797
Heat Sink
(18.20) .717
(1.40)
.055
DIA
(1.40)
.055
(1.10) .043
(14.40)
.567
(0.80)
.0315
BOTTOM VIEW
–02 SHOWN
–01
= Without Heat Sink
–02
= With Heat Sink
–03
= With Heat Sink and
clip packaged separately
(Recommended for
cage press-fit processing)
For complete scope of
recognitions see
www.samtec.com/quality
RECOGNITIONS
FILE NO. E111594
F-218 (Rev 29MAR18)


Similar Part No. - QSFP

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
QSFP AMPHENOLCS-QSFP Datasheet
304Kb / 2P
ExpressPort® QSFP
QSFP+ AMPHENOLCS-QSFP+ Datasheet
304Kb / 2P
ExpressPort® QSFP
logo
ATGBICS by Approved Tec...
QSFP-100G-AOC10M-C ATGBICS-QSFP-100G-AOC10M-C Datasheet
636Kb / 10P
QSFP-100G-AOC10M Cisco Compatible Active Optical Cable 100G QSFP28 (10m)
QSFP-100G-AOC15M-C ATGBICS-QSFP-100G-AOC15M-C Datasheet
636Kb / 10P
QSFP-100G-AOC15M Cisco Compatible Active Optical Cable 100G QSFP28 (15m)
QSFP-100G-AOC1M-C ATGBICS-QSFP-100G-AOC1M-C Datasheet
636Kb / 10P
QSFP-100G-AOC1M Cisco Compatible Active Optical Cable 100G QSFP28 (1m)
More results

Similar Description - QSFP

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0747500028 MOLEX11-0747500028 Datasheet
48Kb / 1P
QSFP Cage Assembly, 2 Legs
logo
Amphenol Corporation
P-U90-T1X1-1XXX AMPHENOL-P-U90-T1X1-1XXX Datasheet
278Kb / 5P
QSFP CAGE ASSEMBLY
logo
Samtec, Inc
QSFPC-PF-01-F SAMTEC-QSFPC-PF-01-F Datasheet
432Kb / 4P
QSFP CAGE
logo
VITALCONN ELECTRONICS H...
S118XXX1X VITALCONN-S118XXX1X Datasheet
607Kb / 5P
QSFP28G 1X1 CAGE
S128XXX1X VITALCONN-S128XXX1X Datasheet
1Mb / 7P
QSFP28G 1X2 CAGE
S138XXX1X VITALCONN-S138XXX1X Datasheet
1Mb / 7P
QSFP28G 1X3 CAGE
S148XXX1X VITALCONN-S148XXX1X Datasheet
1Mb / 7P
QSFP28G 1X4 CAGE
S11815B12 VITALCONN-S11815B12 Datasheet
607Kb / 5P
QSFP28G 1X1 CAGE
logo
TE Connectivity Ltd
108-130044 TEC-108-130044 Datasheet
123Kb / 5P
QSFP-OTB cage and cable mounted receptacle
logo
VITALCONN ELECTRONICS H...
S12812S1A VITALCONN-S12812S1A Datasheet
443Kb / 4P
QSFP28G 1X2 CAGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com