Electronic Components Datasheet Search
  English  ▼

X  

CJ1M-CPU12/13 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # CJ1M-CPU12/13
Description  SYSMAC CJ-series CJ1M CPU Units
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1M-CPU12/13 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button CJ1M-CPU12/13 Datasheet HTML 4Page - Omron Electronics LLC CJ1M-CPU12/13 Datasheet HTML 5Page - Omron Electronics LLC CJ1M-CPU12/13 Datasheet HTML 6Page - Omron Electronics LLC CJ1M-CPU12/13 Datasheet HTML 7Page - Omron Electronics LLC CJ1M-CPU12/13 Datasheet HTML 8Page - Omron Electronics LLC CJ1M-CPU12/13 Datasheet HTML 9Page - Omron Electronics LLC CJ1M-CPU12/13 Datasheet HTML 10Page - Omron Electronics LLC CJ1M-CPU12/13 Datasheet HTML 11Page - Omron Electronics LLC CJ1M-CPU12/13 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
CJ1M-CPU1
@
External Interface
A CJ1-series CPU Unit provides two communications ports for external interfaces: a peripheral port and an RS-232C port.
Peripheral port
The peripheral port is used to connect a Programming Device (including a Programming Console) or a host computer. It can also be used as an
RS-232C port by connecting a suitable cable, such as the CS1W-CN118 or CS1W-CN
@26. The connector pin arrangement when using a
connecting cable for an RS-232C port is shown below.
Pin No.
Signal
Name
Direction
1
−−−
2
SD (TXD)
Send data
Output
3
RD (RXD)
Receive data
Input
4
RS (RTS)
Request to send
Output
5
CS (CTS)
Clear to send
Input
6
Reserved
None
−
7
−−−
8
−−−
9
SG (0V)
Signal ground
−
Connector hood
FG
Protection earth
−
LED Indicators
DIP Switch
(Inside the battery compartment)
Used for initial settings.
Peripheral Port
Connected to Programming Devices,
such as a Programming Console or host computers.
Memory Card Connector
Connects the Memory Card to the CPU Unit.
RS-232C Port
Connected to Programming Devices
(excluding Programming Consoles),
Host Computers, general-purpose external
devices, Programmable Terminals, and other
devices.
Memory Card Eject Button
Press the eject button to remove te
Memory Card from the CPU Unit.
Memory Card Indicators
MCPWR (green): Lit when power is
supplied to Memory Card.
BUSY (orange): Lit when Memory
Card is being accessed.
Battery Compartment
Memory Card Power
Supply Switch
Press the power supply
switch to disconnect
power before removing
the Memory Card. Also,
press the Memory Card
Power Supply Switch to
perform an easy backup
operation.
5
1
9
6
CS1W-CN118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com