Electronic Components Datasheet Search
  English  ▼

X  

ATH30 Datasheet(PDF) 1 Page - Astec America, Inc

Part # ATH30
Description  30Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ATH30 Datasheet(HTML) 1 Page - Astec America, Inc

  ATH30 Datasheet HTML 1Page - Astec America, Inc ATH30 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
2
Special Features
Electrical Specs
Special Features
30Amps
• Point-of-Load Alliance product
• Open frame TH or SMT termination
• Auto-Track™ Sequencing
• Margin Up/Down Controls
• Remote sense compensation
• Output Voltage Adjust (Resistor Programming)
• Under Voltage Lockout
• Pre-Biased start-up
• Output On/Off Inhibit
• -40°C to +85°C Ambient Air Operation
• Non Isolated module
Input
Input Range
3.0 - 3.6V
4.5 - 5.5V
10.8 - 13.2V
Under Voltage Lockout with hysterisis
Efficiency
up to 94%
Output
Overall Regulation
1% of Vo Typ
Noise/Ripple
40mV Typ (2.5Vo and below)
1% Vo Typ (Vo > 2.5V)
Remote sense
Up to 300mV max
Transient Response
100mV typical for 3.3Vo
for 50% to 100% IO,MAX step change
70us recovery time (Co = 330uF)
Over Current Protection
155% IO,MAX typical (autorecovery)
Control
Inhibit Control
Negative Logic
(OPEN = Normal Operation)
(GROUND = Function Active)
Output Voltage Adjust
See output range on page 2
Output Margin
±5% VO,NOM
Output Auto-Track™
(See Note 5)
Specifications subject to change without notice
Ambient air operating temperature range:
-40°C to +85°C
Storage temperature: -40°C to +125°C
Demonstrated MTBF: 3.9M Hrs
UL, cUL 60950 Recognition
EN 60950 though TUV or VDE (Pending)
Environmental
Total Power:
143W
Input Voltages:
3.3V, 5V, 12V
No. of Outputs:
Single
Safety
ATH30


Similar Part No. - ATH30

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH30 ASTEC-ATH30 Datasheet
532Kb / 14P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
YAGEO Corporation
ATH30B YAGEO-ATH30B Datasheet
1Mb / 8P
Aluminum Housed ResistorsX
August 31, 2023 V.1
logo
Astec America, Inc
ATH30T033 ASTEC-ATH30T033 Datasheet
412Kb / 16P
30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH30T033-9J ASTEC-ATH30T033-9J Datasheet
412Kb / 16P
30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH30T033-9S ASTEC-ATH30T033-9S Datasheet
412Kb / 16P
30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com