Electronic Components Datasheet Search
  English  ▼

X  

TL-Q2MC1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # TL-Q2MC1
Description  Rectangular Standard Proximity Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-Q2MC1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  TL-Q2MC1 Datasheet HTML 1Page - Omron Electronics LLC TL-Q2MC1 Datasheet HTML 2Page - Omron Electronics LLC TL-Q2MC1 Datasheet HTML 3Page - Omron Electronics LLC TL-Q2MC1 Datasheet HTML 4Page - Omron Electronics LLC TL-Q2MC1 Datasheet HTML 5Page - Omron Electronics LLC TL-Q2MC1 Datasheet HTML 6Page - Omron Electronics LLC TL-Q2MC1 Datasheet HTML 7Page - Omron Electronics LLC TL-Q2MC1 Datasheet HTML 8Page - Omron Electronics LLC TL-Q2MC1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TL-N/TL-Q
4
*1. The response frequency is an average value. Measurement conditions are as follows: standard sensing object, a distance of twice the standard sensing object, and
a set distance of half the sensing distance.
*2. E Models (DC switching models): A full-wave rectification power supply of 24 VDC
±10% (average value) can be used.
Item
Model
TL-N5ME
@, TL-N5MY@
TL-N10ME
@, TL-N10MY@,
TL-N10MF1
TL-N20ME
@, TL-N20MY@
Sensing distance
5 mm
±10%
10 mm
±10%
20 mm
±10%
Set distance
0 to 4 mm
0 to 8 mm
0 to 16 mm
Differential travel
15% max. of sensing distance
Detectable object
Ferrous metal (The sensing distance decreases with non-ferrous metal. Refer to Engineering Data on pages 6 and 7.)
Standard
sensing object
Iron, 30
× 30 × 1 mm
Iron, 40
× 40 × 1 mm
Iron, 50
× 50 × 1 mm
Response
frequency *1
E/F Models: 500 Hz
Y Models: 10 Hz
E Models: 40 Hz
Y Models: 10 Hz
Power supply
voltage *2
(operating voltage
range)
E/F Models: 12 to 24 VDC (10 to 30 VDC), ripple (p-p): 10% max.
Y Models: 100 to 220 VAC (90 to 250 VAC), 50/60 Hz
Current
consumption
E/F Models: 8 mA max. at 12 VDC, 15 mA max. at 24 VDC
Leakage current
Y Models: Refer to Engineering Data on page 5.
Control
output
Load
current
E/F Models: 100 mA max. at 12 VDC, 200 mA max. at 24 VDC
Y Models: 10 to 200 mA
Residual
voltage
E/F Models: 1 V max. (load current: 200 mA)
Y Models: Refer to Engineering Data on page 5.
Indicators
E/F Models: Detection indicator (red)
Y Models: Operation indicator (red)
Operation mode
(with sensing ob-
ject approaching)
E1/F1/Y1 Models: NO
E2/Y2 Models: NC
Refer to the timing charts under I/O Circuit Diagrams on page 7 for details.
Protection circuits
E Models: Reverse polarity protection, Surge suppressor
Y Models: Surge suppressor
Ambient
temperature range
Operating/Storage:
−25 to 70°C (with no icing or condensation)
Ambient
humidity range
Operating/Storage: 35% to 95% (with no condensation)
Temperature
influence
±10% max. of sensing distance at 23°C in the temperature range of −25 to 70°C
Voltage influence
E/F Models:
±2.5% max. of sensing distance at rated voltage in rated voltage ±10% range
Y Models:
±1% max. of sensing distance at rated voltage in rated voltage ±10% range
Insulation
resistance
50 M
Ω min. (at 500 VDC) between current-carrying parts and case
Dielectric strength
E/F Models: 1,000 VAC, 50/60 Hz for 1 min between current-carrying parts and case
Y Models: 2,000 VAC, 50/60 Hz for 1 min between current-carrying parts and case
Vibration
resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 10 times each in X, Y, and Z directions
Degree of
protection
IEC 60529 IP67, in-house standards: oil-resistant
Connection
method
Pre-wired Models (Standard cable length: 2 m)
Weight
(packed state)
Approx. 190 g
Approx. 240 g
Approx. 340 g
Materi-
als
Case
Heat-resistant ABS
Sensing
surface
Accessories
E Models: Mounting Bracket,
Mounting phillips screws (M4
✕ 25),
Instruction manual
Y Models: Instruction manual
E/F Models: Mounting Bracket,
Mounting phillips screws (M4
✕ 30),
Instruction manual
Y Models: Instruction manual
E Models: Mounting Bracket,
Mounting phillips screws (M5
✕ 40),
Instruction manual
Y Models: Instruction manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com