Electronic Components Datasheet Search
  English  ▼

X  

AUD02A48 Datasheet(PDF) 2 Page - Astec America, Inc

Part # AUD02A48
Description  10 Watts Embedded Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AUD02A48 Datasheet(HTML) 2 Page - Astec America, Inc

  AUD02A48 Datasheet HTML 1Page - Astec America, Inc AUD02A48 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2005 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Pin Assignments
Pin No
Symbol
Function
Pin No
Symbol
Function
1, 10, 11, NC
Mechanical supplemental contact pins 12
ALM
Alarm output
2
+Vout
+Output
13
RC
Remote on/off control
3
+Vout
+Output
14
PO
Parallel operation
4
+Vout
+Output
15
NC
-
5
-Vout
-Output
16
+Vin
+Input
6
-Vout
-Output
17
+Vin
+Input
18
-Vin
-Input
19
-Vin
-Input
Note: Astec reserves the right to make changes to the information contained herein without notice and assumes no liability of its use
and application.
Pin Assignment
Astec Power
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Technical Support: +1 888 41 ASTEC
or +1 407 241 2752
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Units 2111-2116, Level 21
Tower 1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: +852 2437 9662
Facsimile: +852 2402 4426
For global contact, visit:
www.astecpower.com
technicalsupport@astec.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Astec
Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Printed in US A
Ordering Information
Input Voltage
Output Voltage Efficiency Model Number
48V
1.5V @ 3.5A
82% (Typ)
AUD03M48
48V
1.8V @ 3A
84% (Typ)
AUD03Y48
48V
2.5V @ 3A
86% (Typ)
AUD03G48
48V
3.3V @ 3A
88% (Typ)
AUD03F48
48V
5.0V @ 2A
89% (Typ)
AUD02A48
Rev. 09.23.05
AUD Series
2of 2
39.9+/-0.6
6
10
5
4
3
2
120
19
18
17
16
15
13
14
12
11
37.3+/-
0.5
Marking of No.1 pin
0.55
+0.1
-0.15
Coplanarity Max0.1mm
1.3+/-0.
0to10de
Label



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com