Electronic Components Datasheet Search
  English  ▼

X  

SH2102WN Datasheet(PDF) 2 Page - Rohm

Part # SH2102WN
Description  650V 50A Fast Recovery Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SH2102WN Datasheet(HTML) 2 Page - Rohm

  SH2102WN Datasheet HTML 1Page - Rohm SH2102WN Datasheet HTML 2Page - Rohm SH2102WN Datasheet HTML 3Page - Rohm SH2102WN Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SH2102WN
lChip Information
200mm
0.07±0.01mm
3.70mm×3.70mm
0.10±0.03mm
Wafer Size
Wafer Thickness
Chip Size
Cut Line Width
This chip data sheet refers to the device data sheet
RGTV00TS65D
Passivation
Top Side Metallization
Back Side Metallization
lFurther Electrical Characteristics
Polyimide
AlSiCu:5.0μm
Ti/Ni:0.4μm/Au:0.05μm
Switching characteristics and thermal properties are depending strongly on module design
and mounting technology and can therefore not be specified for a bare die.
3.70
0.10±0.03
Unit:mm
: Pad Area
①
: Anode Bonding Pad
Backside : Cathode
Unit : μm
①
3700
3600
2950
325
www.rohm.com
© 2022 ROHM Co., Ltd. All rights reserved.
2/2
2022.06 - Rev.A
Datasheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com