Electronic Components Datasheet Search
  English  ▼

X  

FMMT416 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FMMT416
Description  NPN HIGH VOLTAGE AVALANCHE TRANSISTOR IN SOT23
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT416 Datasheet(HTML) 3 Page - Diodes Incorporated

  FMMT416 Datasheet HTML 1Page - Diodes Incorporated FMMT416 Datasheet HTML 2Page - Diodes Incorporated FMMT416 Datasheet HTML 3Page - Diodes Incorporated FMMT416 Datasheet HTML 4Page - Diodes Incorporated FMMT416 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FMMT416
Datasheet number: DS42112 Rev. 2 - 2
3 of 5
www.diodes.com
July 2019
© Diodes Incorporated
FMMT416
Thermal Characteristics and Derating information
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
315
—
—
V
IC = 100µA
Collector-Emitter Breakdown Voltage
BVCEO
100
—
—
V
IC = 100µA
Emitter-Base Breakdown Voltage
BVEBO
7
—
—
V
IE = 100µA
Collector Cutoff Current
ICBO
—
—
100
10
nA
µA
VCB = 310V
VCB = 310V, TJ = +100°C
Emitter Cutoff Current
IEBO
—
—
20
nA
VEB = 6V
Static Forward Current Transfer Ratio (Note 8)
hFE
100
—
—
—
IC = 10mA, VCE = 10V
Collector-Emitter Saturation Voltage (Note 8)
VCE(sat)
—
—
100
mV
IC = 10mA, IB = 1mA
Base-Emitter Saturation Voltage (Note 8)
VBE(sat)
—
—
800
mV
IC = 10mA, IB = 1mA
Current in Second Breakdown (Pulsed)
IUSB
—
—
25
35
—
—
A
A
VC = 200V, CCE = 620pF
VC = 250V, CCE = 620pF
Collector-Emitter Inductance
Lce
—
2.5
—
nH
Standard SOT23 leads
Output Capacitance
Ccbo
—
—
8
pF
VCB = 20V, IE = 0
f = 100MHz
Transition Frequency
fT
40
—
—
MHz
VCE = 20V, IC = 10mA,
f = 20MHz
Note:
8. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%.
15
 15mm FR-4 1oz Copper
15
 15mm FR-4 1oz Copper
15
 15mm FR-4 1oz Copper



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com