Electronic Components Datasheet Search
  English  ▼

X  

293D Datasheet(PDF) 21 Page - Vishay Siliconix

Part # 293D
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Standard Industrial Grade
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D Datasheet(HTML) 21 Page - Vishay Siliconix

Back Button 293D_V01 Datasheet HTML 16Page - Vishay Siliconix 293D_V01 Datasheet HTML 17Page - Vishay Siliconix 293D_V01 Datasheet HTML 18Page - Vishay Siliconix 293D_V01 Datasheet HTML 19Page - Vishay Siliconix 293D_V01 Datasheet HTML 20Page - Vishay Siliconix 293D_V01 Datasheet HTML 21Page - Vishay Siliconix 293D_V01 Datasheet HTML 22Page - Vishay Siliconix 293D_V01 Datasheet HTML 23Page - Vishay Siliconix 293D_V01 Datasheet HTML 24Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Typical Performance Characteristics
www.vishay.com
Vishay Sprague
Revision: 22-Oct-2020
1
Document Number: 40192
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Molded Chip Tantalum Capacitors
Notes
• All information presented in this document reflects typical performance characteristics
• For more information about recommended voltage derating see: www.vishay.com/doc?40246
(1) Capacitance values 15 μF and higher
(2) For 293D and TR3 only
(3) Capacitance values lower than 33 μF
(4) Capacitance values 33 μF and higher
(5) For temperatures above +85 °C the same voltage derating ratio is recommended, but with respect to category voltage: up to +85 °C:
category voltage = rated voltage; at +125 °C: category voltage = 2/3 of rated voltage, between these temperatures it decreases linearly -
see graph below
CAPACITOR ELECTRICAL PERFORMANCE CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Category temperature range
-55 °C to +85 °C (to +125 °C with voltage derating)
Capacitance tolerance
± 20 %, ± 10 %. Tested via bridge method, at +25 °C, 120 Hz
Dissipation factor
Limit per Standard Ratings table. Tested via bridge method, at 25 °C, 120 Hz
ESR
Limit per Standard Ratings table. Tested via bridge method, at 25 °C, 100 kHz
Leakage current
After application of rated voltage applied to capacitors for 5 min using a steady source of power with
1 k
 resistor in series with the capacitor under test, leakage current at 25 °C is not more than 0.01 CV or
0.5 μA, whichever is greater. Note that the leakage current varies with temperature and applied voltage.
See graph below for the appropriate adjustment factor.
Capacitance change by
temperature
+20 % max. (at +125 °C)
+10 % max. (at +85 °C)
-10 % max. (at -55 °C)
Reverse voltage
Capacitors are capable of withstanding peak voltages in the reverse direction equal to:
10 % of the DC rating at +25 °C
5 % of the DC rating at +85 °C
Vishay does not recommend intentional or repetitive application of reverse voltage
Ripple current
For maximum ripple current values (at 25 °C) refer to relevant datasheet. If capacitors are to be used at
temperatures above +25 °C, the permissible RMS ripple current (or voltage) shall be calculated using the
derating factors:
1.0 at +25 °C; 0.9 at +85 °C; 0.4 at +125 °C
Maximum operating and surge
voltages vs. temperature
+85 °C
+125 °C
RATED VOLTAGE
(V)
SURGE VOLTAGE
(V)
CATEGORY VOLTAGE
(V)
SURGE VOLTAGE
(V)
4
5.2
2.7
3.4
6.3
8
4
5
10
13
7
8
16
20
10
12
20
26
13
16
25
32
17
20
35 (3)
46
23
28
35 (4)
42
23
28
50
65
33
40
50 (1)
60
33
40
63
75
42
50
75 (2)
75
50
50
Recommended voltage
derating guidelines
(below 85 °C) (5)
VOLTAGE RAIL
CAPACITOR VOLTAGE RATING
 3.3
6.3
510
10
20
12
25
15
35
 24
50 or series configuration
28
63 or series configuration
 32
75 or series configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com