Electronic Components Datasheet Search
  English  ▼

X  

DA16 Datasheet(PDF) 1 Page - Astec America, Inc

Part # DA16
Description  16 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

DA16 Datasheet(HTML) 1 Page - Astec America, Inc

  DA16 Datasheet HTML 1Page - Astec America, Inc DA16 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev 02.10.05
Technical Support: (888) 41ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
Special Features
16 Watts
DA16 Series
Electrical Specs
• Switching wallmount power supply
• Available in multiple AC plug configurations
• CE Mark EMC & LVD
• Universal AC input
• Fully regulated output
• Overload and short circuit protection
• Thermal protection
• Designed to meet Blue Angel standard
• European Code of Conduct compliance
• Constant voltage
• High efficiency
• High MTBF
• Built in EMI filter (CISPR 22 Class B)
• LED power good indicator
Input
Input range
90 - 264 VAC (wide range)
Frequency
47 - 63 Hz
Inrush current
40A @ 230 VAC, cold start @ 25C
Input current
0.18A rms @ 120 VAC; 0.36A @ 240VAC
Efficiency
75% @ full load typical, @120VAC
EMI/RFI
FCC Part 15, Subpart B Class B & EN55022
(CISPR 22) Class B, EN55013 and EN50083-2
Safety Ground
leakage current
300µA max. @ 50/60 Hz, 230 VAC input
Output
Voltage (Vo)
12.2V
Voltage regulation
± 3.5% @ constant voltage mode
Maximum Power (Po)
16W
Hold-up time
20 ms. typical at full load @ 115VAC
Overvoltage protection
Non-latching type
Overload protection
Output short circuit protection auto recover.
Overload protected @ 150% above maximum
rating.
Overtemperature
protection
Auto recovery
Output cable/connector
DC cable with 2.5 mm x5.5mm barrel plug
barrel polarity
DC plug center +v
DC plug outer -v
Operating temperature: 0°C to +40°C ambient
Storage temperature: -40°C to +85°C
Electromagnetic susceptability; design to meet
EN55024
Humidity: Operating; non-condensing; 5% to
95% RH
Vibration: Three orthogonal axes, sweep at 1
oct/min. 5 min. dwell at four major resonances 2G
peak 8 Hz to 500 Hz, operational
MTBF demonstrated: >550,000 hours at full load
and 25°C ambient conditions
UL
60950 / 6500
CUL
60950
NEMKO
60950 / 60065
TUV
60950
CB
Certificate and report
CE
EMC & LVD
Environmental
AC Plug Configuration
Total Power:
16 Watts
Input Voltage:
90-264 VAC
# of Outputs:
Single
190
Safety
U.S. 2-prong
US
Europe 2-prong
EU
United Kingdom 3-prong
UK
DA16-US
DA16-EU
DA16-UK


Similar Part No. - DA16

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DA16 EMERSON-NETWORKPOWER-DA16 Datasheet
673Kb / 3P
Switching wallmount power supply
logo
Protek Devices
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
HIGH POWERED MULTI-LINE TVS ARRAY
logo
Emerson Network Power
DA16-120AU EMERSON-NETWORKPOWER-DA16-120AU Datasheet
673Kb / 3P
Switching wallmount power supply
logo
Artesyn Technologies
DA16-120AU ARTESYN-DA16-120AU Datasheet
699Kb / 3P
DA16 Series 16 Watts
logo
Emerson Network Power
DA16-120EU EMERSON-NETWORKPOWER-DA16-120EU Datasheet
673Kb / 3P
Switching wallmount power supply
More results

Similar Description - DA16

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-250250-4Z50-2 ANAREN-RFP-250250-4Z50-2 Datasheet
506Kb / 2P
Surface Mount Terminations 16 Watts, 50ohm
RFP-250250-6Z50-2 ANAREN-RFP-250250-6Z50-2 Datasheet
515Kb / 2P
Surface Mount Terminations 16 Watts, 50ohm
RFP-250250N6Z50-2 ANAREN-RFP-250250N6Z50-2 Datasheet
519Kb / 2P
Aluminum Nitride Terminations 16 Watts, 50ohm
logo
Wall Industries,Inc.
LANS WALL-LANS Datasheet
148Kb / 3P
TO 1.8 WATTS 16 pin SMD
logo
Anaren Microwave
A16A50X4 ANAREN-A16A50X4 Datasheet
338Kb / 2P
Chip Termination 16 Watts, 50廓
C16B50Z1A ANAREN-C16B50Z1A Datasheet
263Kb / 2P
Surface Mount Termination 16 Watts, 50W
C16B100Z1A ANAREN-C16B100Z1A Datasheet
232Kb / 2P
Surface Mount Termination 16 Watts, 100W
C16N50Z4A ANAREN-C16N50Z4A Datasheet
160Kb / 2P
Surface Mount Termination 16 Watts, 50W
C16N50Z4B ANAREN-C16N50Z4B Datasheet
307Kb / 2P
Surface Mount Termination 16 Watts, 50W
logo
Artesyn Technologies
DA16-120US ARTESYN-DA16-120US Datasheet
699Kb / 3P
DA16 Series 16 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com