Electronic Components Datasheet Search
  English  ▼

X  

SDM1M40LP8 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SDM1M40LP8
Description  1.0A SURFACE MOUNT SCHOTTKY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM1M40LP8 Datasheet(HTML) 2 Page - Diodes Incorporated

  SDM1M40LP8 Datasheet HTML 1Page - Diodes Incorporated SDM1M40LP8 Datasheet HTML 2Page - Diodes Incorporated SDM1M40LP8 Datasheet HTML 3Page - Diodes Incorporated SDM1M40LP8 Datasheet HTML 4Page - Diodes Incorporated SDM1M40LP8 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SDM1M40LP8
Document number: DS37564 Rev. 4 - 2
2 of 5
www.diodes.com
October 2021
© Diodes Incorporated
SDM1M40LP8
Marking Information
Maximum Ratings (@ TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
40
V
Average Rectified Output Current
IO
1
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
8
A
Repetitive Peak Forward Current (tp = 1ms, duty cycle = 25%)
IFRM
5
A
Thermal Characteristics (Per Leg)
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Case (Note 5)
RθJA
130
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (Per Leg) (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop (Note 6)
VF
—
—
—
—
0.49
0.42
0.59
0.55
0.56
—
0.66
—
V
IF = 0.5A, TJ = +25°C
IF = 0.5A, TJ = +125°C
IF = 1A, TJ = +25°C
IF = 1A, TJ = +125°C
Leakage Current (Note 6)
IR
—
—
—
0.0006
0.002
0.80
0.004
0.02
—
mA
VR = 10V, TJ = +25°C
VR = 40V, TJ = +25°C
VR = 40V, TJ = +125°C
Reverse Recovery Time
trr
—
8.4
—
ns
IF = 10mA, Irrm = 0.1Ir,Ta = +25°C
Total Capacitance
CT
—
25
—
pF
VR = 5V, f = 1MHz
Notes:
5. Test with FR-4 PC board 1-inch sq. copper pad, 2oz.
6. Short duration pulse test used to minimize self-heating effect.
D4 = Product Type Marking Code
Dot Denotes Cathode Side



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com