Electronic Components Datasheet Search
  English  ▼

X  

SDM1U40CSP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SDM1U40CSP
Description  1.0A SCHOTTKY BARRIER RECTIFER CHIP SCALE PACKAGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM1U40CSP Datasheet(HTML) 2 Page - Diodes Incorporated

  SDM1U40CSP Datasheet HTML 1Page - Diodes Incorporated SDM1U40CSP Datasheet HTML 2Page - Diodes Incorporated SDM1U40CSP Datasheet HTML 3Page - Diodes Incorporated SDM1U40CSP Datasheet HTML 4Page - Diodes Incorporated SDM1U40CSP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SDM1U40CSP
Document number: DS36776 Rev. 6 - 2
2 of 5
www.diodes.com
March 2022
© Diodes Incorporated
SDM1U40CSP
P
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
40
V
Average Rectified Output Current
IO
1.0
A
Repetitive Peak Forward Current
(Pulse Wave = 1 sec, Duty Cycle = 66%)
IFRM
5.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
18
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient (Note 5)
RϴJA
190
°C/W
Typical Thermal Resistance Junction to Ambient (Note 6)
RϴJA
105
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
—
0.37
0.41
V
IF = 0.5A
—
0.44
0.48
IF = 1.0A
Reverse Current (Note 7)
IR
—
—
—
—
22
100
µA
VR = 10V
VR = 40V
Junction Capacitance
CJ
—
58
—
pF
VR = 4V, f = 1.0MHz
Notes:
5. Device mounted on FR-4 PCB, 2oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
6. Device mounted on FR-4 PCB, 2oz. 1 square inch Copper.
7. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com