Electronic Components Datasheet Search
  English  ▼

X  

SIP32432 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32432
Description  10 pA, Ultra Low Leakage and Quiescent Current,
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32432 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32432 Datasheet HTML 1Page - Vishay Siliconix SIP32432 Datasheet HTML 2Page - Vishay Siliconix SIP32432 Datasheet HTML 3Page - Vishay Siliconix SIP32432 Datasheet HTML 4Page - Vishay Siliconix SIP32432 Datasheet HTML 5Page - Vishay Siliconix SIP32432 Datasheet HTML 6Page - Vishay Siliconix SIP32432 Datasheet HTML 7Page - Vishay Siliconix SIP32432 Datasheet HTML 8Page - Vishay Siliconix SIP32432 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SiP32431, SiP32432
www.vishay.com
Vishay Siliconix
S18-1066-Rev. F, 29-Oct-2018
1
Document Number: 66597
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10 pA, Ultra Low Leakage and Quiescent Current,
Load Switch with Reverse Blocking
DESCRIPTION
The SiP32431 and SiP32432 are ultra low leakage and
quiescent current slew rate controlled high side switches
with reverse blocking capability. The switches are of a low
ON resistance p-channel MOSFET that supports continuous
current up to 1.4 A.
The SiP32431 and SiP32432 operate with an input voltage
from 1.5 V to 5.5 V.
The SiP32431 and SiP32432 feature low input logic level to
interface with low control voltage from microprocessors.
The SiP32431 is of logic high enable control, while SiP32432
is of logic low enable control. Both devices have a very low
operating current, typically 10 pA at 3.3 V power supply.
The SiP32431 and SiP32432 are available in lead (Pb)-free
package options including 6 pin SC-70-6, and 4 pin TDFN4
1.2 mm x 1.6 mm DFN4 packages. The operation
temperature range is specified from -40 °C to +85 °C.
The SiP32431 and SiP32432 compact package options,
operation voltage range, and low operating current make it
a good fit for battery power applications.
FEATURES
• 1.5 V to 5.5 V input voltage range
• No bias power rail required
• Low on-resistance RDS(on),
typically 105 m
 at 5 V and 135 m at 3 V
for TDFN4 1.2 mm x 1.6 mm package
• Typical 147 m
 at 5 V and 178 m at 3 V for
SC-70-6 package
• Slew rate controlled turn-on time: 100 μs
• Ultra low leakage and quiescent current:
- VIN quiescent current = 0.01 nA
- VIN shutdown leakage = 0.20 nA
• Reverse blocking capability
• SC-70-6 and TDFN4 1.2 mm x 1.6 mm packages
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Wireless sensor network
• Smart meters
• Wearable
• Internet of things
• Portable medical devices
• Security systems
• Battery powered devices
• Portable Instruments
TYPICAL APPLICATION CIRCUIT
Fig. 1 - SiP32431 / SiP32432 Typical Application Circuit
Notes
•x = lot code
• -GE3 denotes halogen-free and RoHS-compliant
• Please use the SiP32431DR3-T1GE3 to replace SiP32431DR3-T1-E3
Available
ORDERING INFORMATION
PART NUMBER
MARKING
ENABLE
PACKAGE
TEMPERATURE RANGE
SiP32431DR3-T1GE3
MAxx
High enable
SC-70-6
-40 °C to +85 °C
SiP32432DR3-T1GE3
MDxx
Low enable
SiP32431DNP3-T1GE4
Dx
High enable
TDFN4 1.2 mm x 1.6 mm
SiP32432DNP3-T1GE4
Vx
Low enable
SiP32431 / SiP32432
IN
VOUT
OUT
VIN
GND
GND
GND
ON/OFF
ON/OFF
C
1 µF
IN
C
0.1 µF
OUT


Similar Part No. - SIP32432

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32432DN VISHAY-SIP32432DN Datasheet
394Kb / 15P
10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
06-Jul-2020
SIP32432DNP3-T1GE4 VISHAY-SIP32432DNP3-T1GE4 Datasheet
394Kb / 15P
10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
06-Jul-2020
SIP32432DR VISHAY-SIP32432DR Datasheet
394Kb / 15P
10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
06-Jul-2020
SIP32432DR3-T1GE3 VISHAY-SIP32432DR3-T1GE3 Datasheet
394Kb / 15P
10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
06-Jul-2020
More results

Similar Description - SIP32432

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5232 MICREL-MIC5232_12 Datasheet
265Kb / 10P
10mA Ultra-Low Quiescent Current
logo
Exar Corporation
SP6648 EXAR-SP6648 Datasheet
261Kb / 16P
Ultra-low Quiescent Current
logo
Dialog Semiconductor
DA9070 DIALOG-DA9070 Datasheet
2Mb / 130P
Ultra-Low Quiescent Current PMIC
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
Ultra-Low Quiescent Current PMIC
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
Ultra-Low Quiescent Current Buck
DA9231 DIALOG-DA9231 Datasheet
2Mb / 55P
Ultra-Low Quiescent Current Buck and LDO
logo
Vishay Siliconix
SIP32431 VISHAY-SIP32431_V01 Datasheet
394Kb / 15P
10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
06-Jul-2020
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
3Mb / 133P
Ultra-Low Quiescent Current PMIC
21-Feb-2022
DA9230 RENESAS-DA9230 Datasheet
1Mb / 48P
Ultra-Low Quiescent Current Buck
25-Feb-2022
DA9231 RENESAS-DA9231 Datasheet
2Mb / 57P
Ultra-Low Quiescent Current Buck and LDO
25-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com