Electronic Components Datasheet Search
  English  ▼

X  

DPS54 Datasheet(PDF) 2 Page - Astec America, Inc

Part # DPS54
Description  DPS50 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

DPS54 Datasheet(HTML) 2 Page - Astec America, Inc

  DPS54 Datasheet HTML 1Page - Astec America, Inc DPS54 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
191
www.astecpower.com
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Model
Maximum Output
Maximum Peak
Regulation2 Ripple
Number
Power
Voltage
Load
Load1
P/P (PARD)3
DPS52
30W
5V
6A
6.5A
±2%
50mV
DPS53
60W
12V
5A
5.4A
±2%
120mV
DPS54
60W
15V
4A
4.3A
±2%
150mV
DPS55
60W
24V
2.5A
2.7A
±2%
240mV
DPS58
60W
48V
1.25A
1.35A
±2%
480mV
1. Peak-to-peak with 20 MHz bandwidth and 10 µF tantalum capacitor in parallel with a 0.1 µF capacitor.
5.24"
(133.0)
78.7"
(2000±15)
MODEL LABEL
DC OUTPUT CABLE
INDICATOR LED
AC INLET
NOTES:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is
± 0.02" (±0.5mm)
3. Warranty: 1 year
4. Weight: 1.06 lb./ .48 kg
5. AC input power cord sold separately.
6. Specifications are for convection rating at factory settings
at 115VAC input, 25°C unless otherwise stated



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com