Electronic Components Datasheet Search
  English  ▼

X  

BYV42E-200 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BYV42E-200
Description  Ultrafast Rectifier diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BYV42E-200 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BYV42E-200 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BYV42E-200 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Ultrafast Rectifier diodes
BYV42E-200
FEATURES
·
Metal silicon junction,majority carrier conduction
·
Low Power Loss/High Efficiency
·
High current capability,low forward voltage drop
·
High surge capability
·
Guardring for overvoltage protection
·
High temperature soldering guaranteed
·
RoHS product
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for low-voltage,high frequency inverters,free wheeling
and polarrity protection applications .
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
200
V
IF(AV)
Average Rectified Forward Current
(Rated VR) TC= 125℃
15
A
IFRM
Peak Repetitive Forward Current
(Rated VR,Square Wave,20kHz) TC= 125℃
30
A
IRRM
Peak Repetitive Reverse Surge Current
(20μs, 1.0kHz)
0.2
A
TJ
Junction Temperature
-40~150
℃
Tstg
Storage Temperature Range
-40~150
℃


Similar Part No. - BYV42E-200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV42E-200 PHILIPS-BYV42E-200 Datasheet
48Kb / 6P
Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
More results

Similar Description - BYV42E-200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ28X PHILIPS-BYQ28X Datasheet
46Kb / 6P
Rectifier diodes ultrafast
August 1996 Rev 1.000
BYR29 PHILIPS-BYR29 Datasheet
43Kb / 5P
Rectifier diodes ultrafast
September 1998 Rev 1.300
BYR29F PHILIPS-BYR29F Datasheet
45Kb / 6P
Rectifier diodes ultrafast
September 1998 Rev 1.400
BYV29F PHILIPS-BYV29F Datasheet
52Kb / 7P
Rectifier diodes ultrafast
February 1999 Rev 1.400
BYV72F PHILIPS-BYV72F Datasheet
40Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYV79 PHILIPS-BYV79 Datasheet
34Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29 PHILIPS-BYW29 Datasheet
33Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29F PHILIPS-BYW29F Datasheet
41Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYT79 PHILIPS-BYT79_15 Datasheet
120Kb / 7P
Rectifier diodes ultrafast
September 1998
BYV29 PHILIPS-BYV29_15 Datasheet
119Kb / 7P
Rectifier diodes ultrafast
September 1998
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com