Electronic Components Datasheet Search
  English  ▼

X  

DS650-9 Datasheet(PDF) 2 Page - Astec America, Inc

Part # DS650-9
Description  650 Watts 48V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

DS650-9 Datasheet(HTML) 2 Page - Astec America, Inc

  DS650-9 Datasheet HTML 1Page - Astec America, Inc DS650-9 Datasheet HTML 2Page - Astec America, Inc DS650-9 Datasheet HTML 3Page - Astec America, Inc DS650-9 Datasheet HTML 4Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 01.19.06
DS650-9
2of 4
Embedded Power for
Business-Critical Continuity
Ordering Information
O
Ou
uttp
pu
utt
N
No
om
miin
na
all O
Ou
uttp
pu
utt
V
Vo
olltta
ag
ge
e S
Se
ett P
Po
oiin
ntt
S
Se
ett P
Po
oiin
ntt
T
To
olle
erra
an
ncce
e
T
To
otta
all
R
Re
eg
gu
ulla
attiio
on
n
M
Miin
niim
mu
um
m
C
Cu
urrrre
en
ntt
M
Ma
axxiim
mu
um
m
C
Cu
urrrre
en
ntt
O
Ou
uttp
pu
utt R
Riip
pp
plle
e
P
P//P
P
O
Ovve
err C
Cu
urrrre
en
ntt
DS650-9
48.0vdc
3.3vsb
±0.2%
±1%
±5%
±5%
0A
0A
13.2A
6.0A
480mV
60mV
14.5 - 19.8*
7A max
*Over current latches off if overcurrent lasts over 1 seconds, otherwise it is auto recovery.
*For 5vsb, consult marketing.
Logic Control
PS_SEATED
TTL logic LOW if power supply is seated into system con-
nector. This is a short pin. A logic HIGH if the PSU is
removed
PWR GOOD
Active TTL LOW when output is within regulation limits.
AC OK
A HIGH logic level if the input voltage is within allowable
limits. A TTL logic HIGH level, and a 5mS early warning
signal before 48.0v DC output loss of regulation.
Temp OK
A TTL logic HIGH, when operating within allowable
temperature range.
PS_INHIBIT/PS_KILL
This signal is connected to a short pin on the PSU
When left open power supply operation will be inhibited.
When the power supply is inserted into the system, this
pin will be pull low by the system and turn the power sup-
ply on only after all other power supply pins have seated.
Operating temperature:
-10° to 50°C ; 50% power derating at 70°C
Storage temperature:
-40°C to +85°C
Altitude, operating 10,000ft.
Electromagnetic
susceptibility / Input transients:
-EN61000-3-2, -3-3
-EN61000-4-2, 4.3, 4-4, -4-5, 4-11 Level
-EN55024:1998
RoHS & lead-free compliant (no tantalum caps.)
Humidity:
20 to 90% RH, non-condensing
Shock and vibration specificatons complies with Astec Std. Specifications, Q3205
MTBF (Demonstrated)
500K Hrs at full load, 40°C
Environmental Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com