Electronic Components Datasheet Search
  English  ▼

X  

ZX2 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # ZX2
Description  Smart Sensors Laser Sensors CMOS Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX2 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button ZX2 Datasheet HTML 6Page - Omron Electronics LLC ZX2 Datasheet HTML 7Page - Omron Electronics LLC ZX2 Datasheet HTML 8Page - Omron Electronics LLC ZX2 Datasheet HTML 9Page - Omron Electronics LLC ZX2 Datasheet HTML 10Page - Omron Electronics LLC ZX2 Datasheet HTML 11Page - Omron Electronics LLC ZX2 Datasheet HTML 12Page - Omron Electronics LLC ZX2 Datasheet HTML 13Page - Omron Electronics LLC ZX2 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ZX2
10
Beam Size
Spot Beams
ZX2-LD50
ZX2-LD100
Line Beams
ZX2-LD50L
ZX2-LD100L
* Measurement distance displayed by the amplifier unit. The measurement distance displayed by the amplifier unit takes the measurement center
distance as 0, and the NEAR and FAR sides from the sensor are displayed by + and
−, respectively.
I/O Circuit Diagrams
NPN Amplifier Unit (ZX2-LDA11)
PNP Amplifier Unit (ZX2-LDA41)
Wiring
Amplifier Units
ZX2-LDA11/ZX2-LDA41
L *
+10 mm
0 mm
−4 mm
−10 mm
X
Approx.
600
μm
Approx.
160
μm
Approx.
40
μm
Approx.
220
μm
Y
Approx.
350
μm
Approx.
90
μm
Approx.
60
μm
Approx.
130
μm
L *
+35 mm
0 mm
−20 mm
−35 mm
X
Approx.
1.1 mm
Approx.
400
μm
Approx.
70
μm
Approx.
250
μm
Y
Approx.
550
μm
Approx.
190
μm
Approx.
110
μm
Approx.
150
μm
Beam cross-section
Y
X
L
L *
+10 mm
0 mm
−4 mm
−10 mm
X
Approx.
2.6 mm
Approx.
2.6 mm
Approx.
2.6 mm
Approx.
2.6 mm
Y
Approx.
350
μm
Approx.
90
μm
Approx.
60
μm
Approx.
130
μm
L *
+35 mm
0 mm
−20 mm
−35 mm
X
Approx.
2.1 mm
Approx.
2.5 mm
Approx.
2.7 mm
Approx.
2.9 mm
Y
Approx.
550
μm
Approx.
190
μm
Approx.
110
μm
Approx.
150
μm
Beam cross-section
Y
X
L
100
Ω
Brown: 10 to 30 VDC
10 to
30 VDC
White: HIGH judgement output
Load
Load
Load
Load
Load
Green: PASS judgement output
Gray: LOW judgement output
Yellow: Error output
Blue: GND (0 V)
Pink: LD-OFF input
Purple: Timing input/BANK input 0
Orange: Zero reset input
Red: Reset input/BANK input 1
Current output
4 to 20 mA
Current output: 300
Ω or lower
Voltage output: 10 k
Ω or higher
Voltage output
±5 V
1 to 5 V
Current/voltage
output switch
Black: Analog output
Shield: Analog GND
100
Ω
Brown: 10 to 30 VDC
White: HIGH judgement output
Load
Load
Load
Load
Load
Green: PASS judgement output
Gray: LOW judgement output
Yellow: Error output
Blue: GND (0 V)
Pink: LD-OFF input
Purple: Timing input/BANK input 0
Orange: Zero reset input
Red: Reset input/BANK input 1
Current output
4 to 20 mA
Current output: 300
Ω or lower
Voltage output: 10 k
Ω or higher
Voltage output
±5 V
1 to 5 V
Current/voltage
output switch
Black: Analog output
Shield: Analog GND
10 to
30 VDC
10 to 30 VDC
GND (0V)
HIGH judgement output
PASS judgement output
LOW judgement output
Analog output
Error output
Analog GND
LD-OFF input
Zero reset input
Timing input/BANK input 0
Reset input/BANK input 1
Black
Yellow
Shield
Pink
Orange
Purple
Red
Gray
Green
White
Blue
Brown
Note: 1. Use a separate stabilized power supply for the Amplifier Unit,
particularly when high resolution is required.
2. Wire the Unit correctly. Incorrect wiring may result in damage to the
Unit. (Do not allow wiring, particularly the Analog output, to come
into contact with other wires.)
3. Use the 0-V ground (blue) for the power supply and use the Analog
ground (shield) for Analog output. Each of these grounds must be
used for the designed purpose. When not using the Analog output,
connect the Analog ground (shield) to the 0-V ground (blue).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com