Electronic Components Datasheet Search
  English  ▼

X  

W348 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # W348
Description   A DeviceNet Unit for the CS Series That Boasts Industry-leading Performance and Functions
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W348 Datasheet(HTML) 3 Page - Omron Electronics LLC

  W348 Datasheet HTML 1Page - Omron Electronics LLC W348 Datasheet HTML 2Page - Omron Electronics LLC W348 Datasheet HTML 3Page - Omron Electronics LLC W348 Datasheet HTML 4Page - Omron Electronics LLC W348 Datasheet HTML 5Page - Omron Electronics LLC W348 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CS1W-DRM21-V1
3
Ordering Information
International Standards
• The standards are abbreviated as follows: U: UL, U1: UL(Class I Division 2 Products for Hazardous Locations), C: CSA, UC: cULus, UC1: cULus
(Class I Division 2 Products for Hazardous Locations), CU: cUL, N: NK, L: Lloyd, and CE: EC Directives.
• Contact your OMRON representative for further details and applicable conditions for these standards.
* Multi licenses (3, 10, 30, or 50 licenses) and DVD media without licenses are also available for the CX-One.
Specifications
*1. Refer to the DeviceNet Operation Manual (W267) for the communications power supply specifications.
*2. The Device Unit uses a node, and so connection is possible to 63 slaves only.
*3. When the DeviceNet is used as a slave, "input" and "output" respectively refer to input from the slave to the master and output from the master
to the slave.
*4. The maximum message length includes the command code when using the CMND instruction
Product
Appearance
Specifications
Model
Standards
Number of
licenses
Media
DeviceNet
Unit
For CS Series
Functions as either a master or a slave.
2,048 I/O points
CS1W-DRM21-V1
UC1, N, L,
CE
CX-One FA
Integrated
Tool Package
Ver.4.
@
The CX-One is a package that integrates the
Support Software for OMRON PLCs and
components. CX-One runs on the following OS.
OS: Windows XP (Service Pack 3 or higher, 32-bit
version) / Windows Vista (32-bit/64-bit version)
/ Windows 7 (32-bit/64-bit version) / Windows 8
(32-bit/64-bit version) / Windows 8.1 (32-bit/64-
bit version) / Windows 10 (32-bit/64-bit version)
CX-One Ver.4.
@ includes CX-Integrator Ver.2.@.
For details, refer to the CX-One catalog (Cat. No.
R134).
1 license
*
DVD
CXONE-AL01D-V4
−
Communications power supply voltage
11 to 25 VDC
*1
Current consumption
Communications: 30 mA max.
Internal circuit:
290 mA max.
Max. number of
connectable slaves
Remote I/O, explicit message service
63
*2
Max. number of I/O
points
Fixed allocations
When used as
a master
2,048 points
When used as
a slave
32 points
User-set
allocations
Using
allocated DM
Area words
When used as
a master
16,000 points
When used as
a slave
3,200 points
Using
Configurator
When used as
a master
32,000 points
When used as
a slave
4,800 points
Number of allocated
words
Fixed allocations
When used as
a master
64 input and 64 output words
Software switch/status area: 25 words
When used as
a slave
1 input word, 1 output word
*3
User-set
allocations
Using
allocated DM
Area words
When used as
a master
500 input and 500 output words
Software switch/status area: 25 words
When used as
a slave
100 input and 100 output words
*3
Software switch/status area: 25 words
Using
Configurator
When used as
a master
500 input words x 2 blocks, 500 output words x 2 blocks
Software switch/Status area: 25 words
When used as
a slave
100 input words x 1 blocks, 100 output words x 2 blocks
Software switch/Status area: 25 words
Max. message length
542 bytes
*4
Max. number of
Units mountable to
PLC
Fixed allocations
3
User-set allocations
16
Weight
172 g max.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com