Electronic Components Datasheet Search
  English  ▼

X  

ZX2-LDA41 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # ZX2-LDA41
Description  Smart Sensors Laser Sensors CMOS Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX2-LDA41 Datasheet(HTML) 2 Page - Omron Electronics LLC

  ZX2-LDA41 Datasheet HTML 1Page - Omron Electronics LLC ZX2-LDA41 Datasheet HTML 2Page - Omron Electronics LLC ZX2-LDA41 Datasheet HTML 3Page - Omron Electronics LLC ZX2-LDA41 Datasheet HTML 4Page - Omron Electronics LLC ZX2-LDA41 Datasheet HTML 5Page - Omron Electronics LLC ZX2-LDA41 Datasheet HTML 6Page - Omron Electronics LLC ZX2-LDA41 Datasheet HTML 7Page - Omron Electronics LLC ZX2-LDA41 Datasheet HTML 8Page - Omron Electronics LLC ZX2-LDA41 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
ZX2
Ordering Information
Units
Sensor Heads [Dimensions
➜ page 11]
Amplifier Units [Dimensions
➜ page 11]
Accessories (sold separately) These are not included with the Sensor Head or Amplifier Unit. Please order as necessary.
Calculating Unit [Dimensions
➜ page 12]
Communications Interface Unit [Dimensions
➜ page 12]
Sensor Head Extension Cables [Dimensions
➜ page 12]
Note: Extension cables cannot be coupled and used together.
Mounting Brackets [Dimensions
➜ page 13]
Appearance
Sensing method
Beam shape
Sensing distance
Resolution
Model
Diffuse reflection type
Diffuse-
reflective
Line beam
1.5
μm
ZX2-LD50L 0.5M
Spot beam
ZX2-LD50 0.5M
Line beam
5
μm
ZX2-LD100L 0.5M
Spot beam
ZX2-LD100 0.5M
Regular-
reflective
Spot beam
1.5
μm
ZX2-LD50V 0.5M
Appearance
Power supply
Output type
Model
DC
NPN
ZX2-LDA11 2M
PNP
ZX2-LDA41 2M
40
50±10 mm
60
65
100±35 mm
135
43
48±5mm
53
Appearance
Model
ZX2-CAL
Appearance
Type
Model
RS-232C
ZX2-SF11
Cable Length
Model
1 m
ZX2-XC1R
4 m
ZX2-XC4R
9 m
ZX2-XC9R
20 m
ZX2-XC20R
Applicable Sensor Head
Appearance
Model
Remarks
ZX2-LD50V
ZX2-LD50L
ZX2-LD50
E39-L178
Mounting Brackets (1)
Nut Plate (1)
Phillips screws (M30
✕ 30) (2)
ZX2-LD100L
ZX2-LD100
E39-L179



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com