Electronic Components Datasheet Search
  English  ▼

X  

MMBTA56L Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBTA56L
Description  Driver Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTA56L Datasheet(HTML) 2 Page - ON Semiconductor

  MMBTA56L Datasheet HTML 1Page - ON Semiconductor MMBTA56L Datasheet HTML 2Page - ON Semiconductor MMBTA56L Datasheet HTML 3Page - ON Semiconductor MMBTA56L Datasheet HTML 4Page - ON Semiconductor MMBTA56L Datasheet HTML 5Page - ON Semiconductor MMBTA56L Datasheet HTML 6Page - ON Semiconductor MMBTA56L Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
©
Semiconductor Components Industries, LLC, 1994
April, 2018 − Rev. 9
1
Publication Order Number:
MMBTA55LT1/D
MMBTA55LSeries,
MMBTA56LSeries,
SMMBTA56LSeries
Driver Transistors
PNP Silicon
Features
• S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
MMBTA55
MMBTA56, SMMBTA56
VCEO
−60
−80
Vdc
Collector − Base Voltage
MMBTA55
MMBTA56, SMMBTA56
VCBO
−60
−80
Vdc
Emitter − Base Voltage
VEBO
−4.0
Vdc
Collector Current − Continuous
IC
−500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board
(Note 1) TA = 25°C
Derate above 25°C
PD
225
1.8
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°
C/W
Total Device Dissipation Alumina
Substrate, (Note 2) TA = 25°C
Derate above 25°C
PD
300
2.4
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°
C/W
Junction and Storage Temperature
TJ, Tstg
−55 to +150
°
C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR− 5 = 1.0  0.75  0.062 in.
2. Alumina = 0.4  0.3  0.024 in. 99.5% alumina.
SOT−23
CASE 318
STYLE 6
COLLECTOR
3
1
BASE
2
EMITTER
www.onsemi.com
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
1
2xx M G
G
2xx = Device Code
x = H for MMBTA55LT1G
xx = GM for MMBTA56LT1G,
SMMBTA56LT1G
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com