Electronic Components Datasheet Search
  English  ▼

X  

IMP Datasheet(PDF) 3 Page - Astec America, Inc

Part # IMP
Description  Intelligent MP Series Up to 1500 Watts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

IMP Datasheet(HTML) 3 Page - Astec America, Inc

  IMP Datasheet HTML 1Page - Astec America, Inc IMP Datasheet HTML 2Page - Astec America, Inc IMP Datasheet HTML 3Page - Astec America, Inc IMP Datasheet HTML 4Page - Astec America, Inc IMP Datasheet HTML 5Page - Astec America, Inc IMP Datasheet HTML 6Page - Astec America, Inc IMP Datasheet HTML 7Page - Astec America, Inc IMP Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Embedded Power for
Business-Critical Continuity
Rev. 1.30.06
iMP Series
3of 8
Voltage
Voltage
Code
Single Output Module Code
Dual Output
Triple Output
II22C
C
Adjustment
Ranges
1
2
3
V1
V2
V1
V2
V3
2V
A
35A
60A
150A
—
10A
—
—
2A
1.8 - 6.1
2.2V
B
35A
60A
150A
—
10A
—
—
2A
3V
C
35A
60A
150A
—
10A
—
—
2A
3.3V
D
35A
60A
150A
—
10A
—
—
2A
5V
E
35A
60A
150A
10A
10A
—
—
2A
5.2V
F
35A
60A
150A
—
10A
—
—
2A
5.5V
G
34A
58A
137A
—
10A
—
—
2A
6.0V
H
23A
42A
80A
—
10A
—
—
2A
5.4 - 13.2
8.0V
I
20A
36A
80A
—
—
1A
1A
1A
10V
J
18A
32A
75A
—
—
1A
1A
1A
11V
K
17A
31A
68A
—
—
1A
1A
1A
12V
L
17A
30A
62.5A
10A
4A
1A
1A
1A
14V
M
14A
21A
53.5A
9A
4A
1A
1A
1A
12.6 - 22.0
15V
N
14A
20A
50A
8A
4A
1A
1A
1A
18V
O
11A
19A
41.6A
—
—
—
0.5A
0.5A
20V
P
10.5A
18A
37.5A
—
—
—
0.5A
0.5A
24V
Q
8.5A
15A
31.3A
4A
2A
—
0.5A
0.5A
21.6 - 39.6
28V
R
6.7A
12.8A
26.8A
3A
2A
—
0.5A
0.5A
30V
S
6.5A
12A
25A
—
—
—
33V
T
6.2A
11A
22.7A
—
—
—
—
—
36V
U
5.8A
10A
20.8A
—
—
—
—
—
42V
V
4.2A
7.5A
17.9A
—
—
—
—
—
37.8 - 60.0
48V
W
4.0A
7.5A
15.6A
—
—
—
—
—
54V
X
3.7A
6.0A
13.9A
—
—
—
—
—
60V
Y
3.5A
6.0A
12.5A
—
—
—
—
—
Non-std*
Z
Special Voltage - Consult Factory for specifications
*Note: Increments of current not shown can be achieved by paralleling modules
(add currents of each module selected).
76
5 4
3
2
1
i
MP4
available slots
i
MP8
available slots
i
MP1
available slots
PARALLEL CODES
0 = no parallel
1 = 1 & 2
2 = 2 & 3
3 = 3 & 4
4 = 4 & 5
5 = 3 & 4 & 5
6 = 5 & 6
7 = 4 & 5 & 6
8 = 6 & 7
9 = 3 & 4, 6 & 7
Ordering Information
Output Module Voltage/Current
iMP1*
- 3L0 - 2E2 - 1Q1 - 4LL0 -
00
-
A
-
###
Case Size (mm)
4 = 2.5" x 5" x 10"; 750W - 1100W, 5 Slots
(63.5 x 127 x 254)
8 = 2.5" x 7" x 10"; 1000W - 1200W, 6 Slots
(63.5 x 177.8 x 254)
1 = 2.5" x 8" x 11"; 1200W - 1500W, 7 Slots
(63.5 x 203.2 x 279.4)
*Note: Add "-E" after iMP4 to denote IEC
input option. eg. iMP4-E-...
(Not available on iMP8 or iMP1.)
Module Codes
Module/Voltage/Option Codes
Module Codes:
(None) = 36W Triple O/P (1 slot)
1 = 210W Single O/P (1 slot)
2 = 360W Single O/P (2 slot)
3 = 750W Single O/P (3 slot)
4 = 144W Dual O/P (1 slot)
5 - 9 = Future
Case Option Codes
First Digit
0 - 9 = Parallel Code
Second Digit
0 = No Options
1 = Reverse Air
2 = Extended Hold Up (1 slot)*
3 = Global Enable
4 = Fan Off w/Inhibit
5 = Opt 1 + Opt 3
6 = Opt 1 + Opt 4
7 = Opt 3 + Opt 4
8 = Opt 1 +3 +4
9 = Future
*Meets Semi F47
Software Code
Hardware Code
Voltage Codes:
See Output Module Voltage/Current
table above
Option Codes:
0 = Standard
1 = Module Enable
2 = Constant Current
3 - 9 = Future
Module/Voltage/Option Codes
First - Module Code
Second - Voltage Code
Third - Option Code
Case Option Codes
Factory Assigned for Modified Standards
Standard is "A" - Software Code
"Blank" - Hardware Code
Case Size



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com