Electronic Components Datasheet Search
  English  ▼

X  

SC113X Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC113X
Description  COMBINATION SWITCHING CONTROLLER AND LOW DROPOUT REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC113X Datasheet(HTML) 3 Page - Semtech Corporation

  SC113X Datasheet HTML 1Page - Semtech Corporation SC113X Datasheet HTML 2Page - Semtech Corporation SC113X Datasheet HTML 3Page - Semtech Corporation SC113X Datasheet HTML 4Page - Semtech Corporation SC113X Datasheet HTML 5Page - Semtech Corporation SC113X Datasheet HTML 6Page - Semtech Corporation SC113X Datasheet HTML 7Page - Semtech Corporation SC113X Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image

   
       
   
   
 !" # 

 






























 











 
M/+(,!,8 %6% %()%
+ ,&%-) !,!*(
B%(1*
*,%-

#
OE % +4!)
B+ !*/-


OE % +4!)
B+ !*/-

D
OE&B

BDA: * %5/!7 *0 


M
B+ !*/-
# B )$*,,38# D


'O
 / (- A *(   D )* %

M

 
*.!) "%7%" E# ≤ 4Ω# B


D:
  !(%+ %./"+,* 0!,$ 0!,)$!(. *(, *""%


 @
B+ !*/-
B+"/% 1%%(1- *( B


 @
B+ !*/-
B+"/% 1%%(1- *( B

?Ω &
B+ !*/-
 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com