Electronic Components Datasheet Search
  English  ▼

X  

74LVC2T45 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74LVC2T45
Description  DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2T45 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74LVC2T45 Datasheet HTML 2Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 3Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 4Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 5Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 6Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 7Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 8Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 9Page - Diodes Incorporated 74LVC2T45 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74LVC2T45
Document number: DS43360 Rev. 1 - 2
6 of 15
www.diodes.com
January 2021
© Diodes Incorporated
74LVC2T45
Package Characteristics (VCC = 3.3V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Package
Test Conditions
Min
Typ
Max
Unit
ϴJA
Thermal Resistance Junction-
to-Ambient
X2-DFN1210-8
Note 8
—
295
—
°C/W
X2-DFN1410-8
—
133
—
ϴJC
Thermal Resistance Junction-
to-Case
X2-DFN1210-8
Note 8
—
280
—
°C/W
X2-DFN1410-8
—
127
—
Note:
8. Test condition for X2- DFN1210-8 and X2- DFN1410-8: Device mounted on FR-4 substrate PCB, 2oz copper with minimum recommended pad layout.
Switching Characteristics (VCC (A) = 1.2V, TA = +25°C, see Figure 1)
Parameter
From
(Input)
To
(Output)
VCC(B) = 1.2V
VCC(B) = 1.5V
VCC(B) = 1.8V
VCC(B) = 2.5V
VCC(B) = 3.3V
VCC(B) = 5V
Unit
Typ
Typ
Typ
Typ
Typ
Typ
tpLH
A
B
10.6
8.1
7.0
5.8
5.3
5.1
ns
B
A
10.6
9.5
9.0
8.5
8.3
8.2
tpHL
A
B
10.1
7.1
6.0
5.3
5.2
5.4
ns
B
A
10.1
8.6
8.1
7.8
7.6
7.6
tpHZ
DIR
A
9.4
9.4
9.4
9.4
9.4
9.4
ns
DIR
B
12.0
9.4
9.0
7.8
8.4
7.9
tpLZ
DIR
A
7.1
7.1
7.1
7.1
7.1
7.1
ns
DIR
B
9.5
7.8
7.7
6.9
7.6
7.0
tpZH
DIR
A
20.1
17.3
16.7
15.4
15.9
15.2
ns
DIR
B
17.7
15.2
14.1
12.9
12.4
12.2
tpZL
DIR
A
22.1
18.0
17.1
15.6
16.0
15.5
ns
DIR
B
19.5
16.5
15.4
14.7
14.6
14.8
Switching Characteristics (continued) (VCC (B) = 1.2V, TA = +25°C, see Figure 1)
Parameter
From
(Input)
To
(Output)
VCC(A) = 1.2V
VCC(A) = 1.5V
VCC(A) = 1.8V
VCC(A) = 2.5V
VCC(A) = 3.3V
VCC(A) = 5V
Unit
Typ
Typ
Typ
Typ
Typ
Typ
tpLH
A
B
10.6
9.5
9.0
8.5
8.3
8.2
ns
B
A
10.6
8.1
7.0
5.8
5.3
5.1
tpHL
A
B
10.1
8.6
8.1
7.8
7.6
7.6
ns
B
A
10.1
7.1
6.0
5.3
5.2
5.4
tpHZ
DIR
A
9.4
6.5
5.7
4.1
4.1
3.0
ns
DIR
B
12.0
6.1
5.4
4.6
4.3
4.0
tpLZ
DIR
A
7.1
4.9
4.5
3.2
3.4
2.5
ns
DIR
B
9.5
7.3
6.6
5.9
5.7
5.6
tpZH
DIR
A
20.1
15.4
13.6
11.7
11.0
10.7
ns
DIR
B
17.7
14.4
13.5
11.7
11.7
10.7
tpZL
DIR
A
22.1
13.2
11.4
9.9
9.5
9.4
ns
DIR
B
19.5
15.1
13.8
11.9
11.7
10.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com