Electronic Components Datasheet Search
  English  ▼

X  

AL1665 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL1665
Description  HIGH PERFORMANCE DIMMABLE LED CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1665 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL1665 Datasheet HTML 1Page - Diodes Incorporated AL1665 Datasheet HTML 2Page - Diodes Incorporated AL1665 Datasheet HTML 3Page - Diodes Incorporated AL1665 Datasheet HTML 4Page - Diodes Incorporated AL1665 Datasheet HTML 5Page - Diodes Incorporated AL1665 Datasheet HTML 6Page - Diodes Incorporated AL1665 Datasheet HTML 7Page - Diodes Incorporated AL1665 Datasheet HTML 8Page - Diodes Incorporated AL1665 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AL1665
Document number: DS41772 Rev. 3 - 2
3 of 17
www.diodes.com
March 2020
© Diodes Incorporated
AL1665
Functional Block Diagram
Valley
Detector
Logical
Control
UVLO
&Bias
Driver
-
+
COMP
FB
OVP
CS
VCC
OUT
Gm
OTP
GND
Analog
Dim
Control
VREF
NTC/
PWM
ADIM
-
+
2V
OCP
TFP
VREF
VREF
Internal
Temperature
Sense
1
2
3
4
5
8
7
6
Thermal
Foldback &
PWM Dim
OTP
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
-0.3 to 30
V
VCS
Voltage at CS to GND
-0.3 to 7
V
VFB
FB Input Voltage
-0.3 to 7
V
VCOMP
Voltage at Loop Compensation Pin
-0.3 to 7
V
VOUT
Driver Output Voltage
-0.3 to 20
V
VNTC/PWM
Voltage at NTC/PWM to GND
-0.3 to 7
V
VADIM
Voltage at ADIM to GND
-0.3 to 7
V
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10s)
+300
°C
PD
Power Dissipation at TA = +50°C
0.65
W
ϴJA
Thermal Resistance (Junction to Ambient)
136
°C/W
ϴJC
Thermal Resistance (Junction to Case)
30
°C/W
—
ESD (Human Body Model)
2000
V
ESD (Charged-Device Model)
1000
V
Note:
4. Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability. All voltages unless otherwise stated are measured with
respect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com