Electronic Components Datasheet Search
  English  ▼

X  

AL1698 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL1698
Description  DIMMABLE LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1698 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL1698 Datasheet HTML 4Page - Diodes Incorporated AL1698 Datasheet HTML 5Page - Diodes Incorporated AL1698 Datasheet HTML 6Page - Diodes Incorporated AL1698 Datasheet HTML 7Page - Diodes Incorporated AL1698 Datasheet HTML 8Page - Diodes Incorporated AL1698 Datasheet HTML 9Page - Diodes Incorporated AL1698 Datasheet HTML 10Page - Diodes Incorporated AL1698 Datasheet HTML 11Page - Diodes Incorporated AL1698 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AL1698
Document number: DS42216 Rev. 1 - 2
8 of 15
www.diodes.com
September 2019
© Diodes Incorporated
AL1698
Functional Description and Application Information (continued)
Cycle-by-Cycle Over Current Protection (OCP)
The AL1698 has a built-in peak current detector. It is triggered when the voltage on CS pin reaches the peak level VCS_CLAMP. The R5 is
connected to the CS pin to sense the current of the inductor. The maximum peak current (IPEAK(MAX)) of the inductor can be calculated as below:
_
5
CS CLAMP
PEAK MAX
V
I
R
……………………(1)
The detection circuit is activated after the LEB time. When the detection circuit senses the CS voltage higher than 1V, the IC will turn off the
switching to limit the output current. It automatically provides protection for the maximum LED current during operation. A propagation delay exists
between over current detection and actual source-switch off, so the actual peak current is a little higher than the OCP level set by the R5.
Over Voltage Protection and Output Open Protection (OVP)
The AL1698 has output open voltage protection when the LED is open, which can prevent the output voltage from increasing to a very high value.
This feature can help the system designer to select a smaller volume capacitor. The output voltage is set by the external resistor R3 shown in
Figure 1.
When LED is open, the tOFF_OVP time can be calculated as:
_
2
R5
CS
OFF OVP
OVP
LV
t
V
…………… (2)
Where,
VOVP is the output open voltage.
VCS is the voltage on the CS pin when OVP happens.
The output voltage is set by R3, and R3 is calculated as:
5
)
25
.
2
~
2
(
20
2
3
_
R
V
C
L
V
R
OVP
REF
REF
ROVP
…………… (3)
Where, VROVP_REF is the internal ROVP pin 0.5V’s reference, CREF is the internal 8.07pF capacitor.
Output-Short Protection (OSP)
When LED is shorted, the device cannot detect the tOFF time, and the device controls the system operation at 4kHz low frequency.
Thermal Foldback Protection (TFP)
AL1698 has a Thermal Foldback Protection (TFP) function and adopts self-adaptive control method, which can prevent the system breaking down
caused by high temperature. The overheating temperature is set at +150°C typical. When the junction temperature of the IC is higher than +150°C
typical, the device will linearly decrease the internal reference voltage to decrease the output current. As a result of this feature, the device can
control the system
’s output power at high ambient temperature, to control the system heat quality. This enhances the safety of the system at high
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com