Electronic Components Datasheet Search
  English  ▼

X  

AL3644 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AL3644
Description  DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3644 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AL3644 Datasheet HTML 15Page - Diodes Incorporated AL3644 Datasheet HTML 16Page - Diodes Incorporated AL3644 Datasheet HTML 17Page - Diodes Incorporated AL3644 Datasheet HTML 18Page - Diodes Incorporated AL3644 Datasheet HTML 19Page - Diodes Incorporated AL3644 Datasheet HTML 20Page - Diodes Incorporated AL3644 Datasheet HTML 21Page - Diodes Incorporated AL3644 Datasheet HTML 22Page - Diodes Incorporated AL3644 Datasheet HTML 23Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AL3644
Document number: DS41558 Rev. 1 - 2
21 of 23
www.diodes.com
July 2019
© Diodes Incorporated
AL3644
Ordering Information
Torch Current
Product Name
Blank : Low Torch Current
7 : 7" Tape & Reel
AL3644 X X– X
Packing
TT: High Torch Current
Package
CH12 : U-WLB1713-12
Part Number
Package
7
” Tape and Reel
Quantity
Part Number Suffix
AL3644CH12-7
U-WLB1713-12 (Note 10)
3,000/Tape & Reel
-7
AL3644TTCH12-7
U-WLB1713-12 (Note 10)
3,000/Tape & Reel
-7
Note:
10. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
U-WLB1713-12
Y : Year : 0~9
XX : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
X X
Y W X
(Top View)
X : Internal Code
Part Number
Package
Identification Code
AL3644CH12-7
U-WLB1713-12
2A
AL3644TTCH12-7
U-WLB1713-12
2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com