Electronic Components Datasheet Search
  English  ▼

X  

AL8853 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL8853
Description  HIGH PERFORMANCE BOOST LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8853 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL8853 Datasheet HTML 1Page - Diodes Incorporated AL8853 Datasheet HTML 2Page - Diodes Incorporated AL8853 Datasheet HTML 3Page - Diodes Incorporated AL8853 Datasheet HTML 4Page - Diodes Incorporated AL8853 Datasheet HTML 5Page - Diodes Incorporated AL8853 Datasheet HTML 6Page - Diodes Incorporated AL8853 Datasheet HTML 7Page - Diodes Incorporated AL8853 Datasheet HTML 8Page - Diodes Incorporated AL8853 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AL8853
Document number: DS42211 Rev. 1 - 2
3 of 15
www.diodes.com
September 2019
© Diodes Incorporated
AL8853
Functional Block Diagram
OSC
Σ
PWM
Control
PWM
EA
Current
Sense
L
Control
Logic
PWM
Comparator
OVP
Protection
Gate
Drive
Thermal
Shutdown
UVLO
COMP
FB
CS
OVP
GND
GATE
VIN
1
2
3
7
4
5
6
8
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified. Note 4)
Symbol
Parameter
Rating
Unit
VIN, VGATE, VOVP
VIN, GATE, OVP Pin Voltage
-0.3 to 43
V
VCS, VFB, VCOMP, VPWM
CS, FB, COMP, PWM Pin Voltage
-0.3 to 7
V
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10s)
+260
°C
θJA
Thermal Resistance (Junction to Ambient) (Note 5)
+105
°C/W
θJC
Thermal Resistance (Junction to Case) (Note 5)
6.6
°C/W
—
ESD (Charge Device Model)
750
V
—
ESD (Human Body Model)
2000
V
Notes:
4. Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability.
5. Device mounted on 1"x1" FR-4 substrate PCB, 2oz copper, with minimum recommended pad layout.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
VIN Pin Voltage
6
40
V
fPWM
PWM Frequency for Analog Dimming
5
50
kHz
TA
Ambient Temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com