Electronic Components Datasheet Search
  English  ▼

X  

40U100CT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 40U100CT
Description  40A SBR® SUPER BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

40U100CT Datasheet(HTML) 2 Page - Diodes Incorporated

  40U100CT Datasheet HTML 1Page - Diodes Incorporated 40U100CT Datasheet HTML 2Page - Diodes Incorporated 40U100CT Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBR40U100CT
Document number: DS31204 Rev. 6 - 2
2 of 3
www.diodes.com
January 2009
© Diodes Incorporated
SBR40U100CT
SBR is a registered trademark of Diodes Incorporated.
0
10
20
30
025
50
75
100
125
150
40
T , AMBIENT TEMPERATURE ( C)
Fig. 3 Forward Current Derating Curve
A
°
R
= R
Per Element
θθ
JA
JC
R
= R
Total Device
θθ
JA
JC
R
= 13.50°C/W
Per Element
θJA
Ordering Information (Notes 3 and 4)
Part Number
Case
Packaging
SBR40U100CT
TO-220AB
50 pieces/tube
SBR40U100CT-G
TO-220AB
50 pieces/tube
Notes:
3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
4. For Green Molding Compound version part numbers, add "-G" suffix to part number above. Examples: SBR40U100CT-G
Marking Information
SBR40U100CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 07 = 2007)
WW = Week (01-52)
40U100CT
YYWW
AB
SBR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com