Electronic Components Datasheet Search
  English  ▼

X  

LPS22 Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPS22
Description  25 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPS22 Datasheet(HTML) 1 Page - Astec America, Inc

  LPS22 Datasheet HTML 1Page - Astec America, Inc LPS22 Datasheet HTML 2Page - Astec America, Inc LPS22 Datasheet HTML 3Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Embedded Power for
Business-Critical Continuity
LPS25 Series
25 Watts
Special Features
• Universal input
• 3" x 5" footprint
• Less than 1U high
• Remote sense
• Terminal block option (-T)
• Built-in EMI filter
• Low output ripple
• Adjustable output
• Overvoltage protection
•Overload protection
• 110 KHz switching frequency
• LPX40 enclosure kit available
Total Power:
25-40 Watts
Input Voltage:
85-264 VAC
120-300 VDC
# of Outputs:
Single
Electrical Specifications
Safety
IIn
np
pu
utt
Input range
85-264 VAC; 120-300 VDC
Frequency
47-440 Hz
Inrush current
<15A peak @ 115VAC; <30A peak @ 230VAC, cold start @ 25°C
Input current
1A max. (RMS) @ 115VAC
Efficiency
70% typical at full load
EMI filter
FCC Class B conducted; CISPR 22 Class B conducted;
EN55022 Class B conducted
Safety ground
leakage current
<0.5 mA @ 50/60 Hz, 264 VAC input
O
Ou
uttp
pu
utt
Maximum power
25 W for convection; 40W with 30CFM forced air
Adjustment range
-5, +10% minimum
Hold-up time
20 ms @ 25W load, 115VAC nominal line
Overload protection
Short circuit protection on all outputs
Case overload protected @ 110 -145% above peak rating
Overvoltage protection 5V output; 5.7 to 6.7VDC. Other outputs 10% to 25% above
nominal output
Remote sense
Compensates for 0.5 V lead drop minimum
Will operate without remote sense connected
Reverse connection protected
V
VD
DE
E
0805 EN60950 (IEC950)
11774-3336-1241
(LC#84936)
U
ULL
UL1950 E132002
C
CS
SA
A
CSA 22.2-234 Level 3
LR53982C
N
NE
EM
MK
KO
O EN 60950/EMKO-TUE
P95100442 (74-sec) 203
C
CB
B
Certificate and report
1577, 1578, 1579, 1580
C
CE
E M
Ma
arrk
k (LVD)
Rev. 04.13.06
LPS25 Series
1of 3
RoHS


Similar Part No. - LPS22

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS22 EMERSON-NETWORKPOWER-LPS22 Datasheet
99Kb / 3P
Universal input
logo
Artesyn Technologies
LPS22 ARTESYN-LPS22 Datasheet
709Kb / 3P
Total Power: 25 - 40 Watts
logo
Emerson Network Power
LPS22-T EMERSON-NETWORKPOWER-LPS22-T Datasheet
99Kb / 3P
Universal input
logo
STMicroelectronics
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
Embedded temperature compensation
February 2017 Rev 2
LPS22CH STMICROELECTRONICS-LPS22CH Datasheet
1Mb / 55P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
05-Aug-2020
More results

Similar Description - LPS22

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA25N ASTEC-AA25N Datasheet
516Kb / 2P
25 Watts
AEV05F24 ASTEC-AEV05F24 Datasheet
434Kb / 2P
25 Watts
ALT06F48 ASTEC-ALT06F48 Datasheet
156Kb / 2P
25-30 Watts
LPT25 ASTEC-LPT25 Datasheet
79Kb / 3P
25 Watts
logo
Bothhand USA, LP.
SP9919 BOTHHAND-SP9919 Datasheet
48Kb / 1P
25 Watts Switching Power Supply
logo
XP Power Limited
ECS60US05 XPPOWER-ECS60US05 Datasheet
405Kb / 4P
2560 Watts ECS Series
logo
Vicor Corporation
VE-J0B-MY VICOR-VE-J0B-MY Datasheet
297Kb / 6P
25 to 100 Watts
logo
XP Power Limited
ECS60US05 XPPOWER-ECS60US05_16 Datasheet
1,016Kb / 4P
25-60 Watts ECS Series
logo
Artesyn Technologies
LPT22 ARTESYN-LPT22 Datasheet
1Mb / 4P
Total Power: 25 - 40 Watts
LPS22 ARTESYN-LPS22 Datasheet
709Kb / 3P
Total Power: 25 - 40 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com