Electronic Components Datasheet Search
  English  ▼

X  

LPS40 Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPS40
Description  40 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPS40 Datasheet(HTML) 1 Page - Astec America, Inc

  LPS40 Datasheet HTML 1Page - Astec America, Inc LPS40 Datasheet HTML 2Page - Astec America, Inc LPS40 Datasheet HTML 3Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Embedded Power for
Business-Critical Continuity
LPS40 Series
40 Watts
Special Features
• Universal input
• 3" x 5" footprint
• Less than 1U high
• Remote sense
• Terminal block option (-T)
• Built-in EMI filter
• Low output ripple
• Adjustable output
• Overvoltage protection
•Overload protection
• 110 KHz switching frequency
• LPX40 enclosure kit available
Total Power:
40-55 Watts
Input Voltage:
85-264 VAC
120-300 VDC
# of Outputs:
Single
Electrical Specifications
Safety
IIn
np
pu
utt
Input range
85-264 VAC; 120-300 VDC
Frequency
47-440 Hz
Inrush current
<18A peak @ 115VAC; <36A peak @ 230VAC, cold start @ 25°C
Input current
1A max. (RMS) @ 115VAC
Efficiency
70% typical at full load
EMI filter
FCC Class B conducted; CISPR 22 Class B conducted;
EN55022 Class B conducted; VDE 0878 PT3 class B conducted
Safety ground
leakage current
<0.5 mA @ 50/60 Hz, 264 VAC input
O
Ou
uttp
pu
utt
Maximum power
40W for convection; 55W with 30CFM forced air
Adjustment range
-5, +10% minimum
Hold-up time
20ms @ 40W load, 115VAC nominal line
Overload protection
Short circuit protection on all outputs
Case overload protected @ 110 -145% above peak rating
Overvoltage protection 5V output; 5.7 to 6.7VDC. Other outputs 10% to 25% above
nominal output
Remote sense
Compensates for 0.5 V lead drop minimum
Will operate without remote sense connected
Reverse connection protected
U
ULL
UL1950 E132002
C
CS
SA
A
CSA 22.2-234 Level 3
LR53982C
N
NE
EM
MK
KO
O EN 60950/EMKO-TUE
P94100375 (74-sec) 203
C
CB
B
Certificate and report
1119, 1125, 1126, 1127
C
CE
E M
Ma
arrk
k (LVD)
Rev. 04.13.06
LPS40 Series
1of 3
RoHS


Similar Part No. - LPS40

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS40 EMERSON-NETWORKPOWER-LPS40 Datasheet
124Kb / 3P
Universal input
logo
Astec America, Inc
LPS40-M ASTEC-LPS40-M Datasheet
83Kb / 3P
40 Watts Medical
logo
Emerson Network Power
LPS40-M EMERSON-NETWORKPOWER-LPS40-M Datasheet
124Kb / 3P
Medical safety approvals
LPS40-M EMERSON-NETWORKPOWER-LPS40-M Datasheet
309Kb / 3P
40 Watts Medical safety approvals
LPS40-M EMERSON-NETWORKPOWER-LPS40-M_09 Datasheet
309Kb / 3P
40 Watts Medical safety approvals
More results

Similar Description - LPS40

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC12 ASTEC-APC12 Datasheet
183Kb / 2P
40 Watts
LPS40-M ASTEC-LPS40-M Datasheet
83Kb / 3P
40 Watts Medical
LPT40 ASTEC-LPT40 Datasheet
82Kb / 3P
40 Watts
LPT40-M ASTEC-LPT40-M Datasheet
81Kb / 3P
40 Watts
SA40-1313 ASTEC-SA40-1313 Datasheet
513Kb / 2P
40 Watts
logo
Power-One
BLP40-1005 POWER-ONE-BLP40-1005 Datasheet
118Kb / 5P
40 Watts
logo
Emerson Network Power
DP4009N2M EMERSON-NETWORKPOWER-DP4009N2M Datasheet
297Kb / 2P
40 Watts
logo
Anaren Microwave
250250-4X50-2 ANAREN-250250-4X50-2 Datasheet
309Kb / 2P
40 Watts
logo
Artesyn Technologies
DP4009N3M ARTESYN-DP4009N3M Datasheet
516Kb / 2P
DP40 40 Watts
DP4048N2M ARTESYN-DP4048N2M Datasheet
516Kb / 2P
DP40 40 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com