Electronic Components Datasheet Search
  English  ▼

X  

SS56AF Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # SS56AF
Description  SCHOTTKY BARRIE R RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

SS56AF Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  SS56AF Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. SS56AF Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
2. Thermal resistance from junction to ambient.
SCHOTTKY BARRIER RECTIFIER
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
SS56AF
VOLTAGE RANGE: 60 V
CURRENT: 5.0 A
1.
SAMYANG ELECTRONICS
SAM YANG
. Very low forward voltage:0.55V
. Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
. Metal silicon junction ,majority carrier conduction
. For surface mount applications
. Low power loss ,high efficiency
. High current capability ,Low forward voltage drop
. Low profile package
built-in strain relief ,ideal for automated placement
. For use in low voltage ,high frequency inverters,
free wheeling ,and polarity protection applications
. High temperature soldering guaranteed:260 /10 seconds at terminals
Component in accordance to RoHS 2002 95 EC and
WEEE 2002 96 EC
°
C
/
/
.
/
/
Case: SMAFL molded plastic body
Terminals: Solder Plated, solderable per MIL-STD-750,method 2026
Polarity: Color band denotes cathode end
Weight: 0.003ounce, 0.093 gram
Maximum repetitive peak reverse voltage
VRRM
Volts
m
A
Amps
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
IR
TJ
R JA
R JL
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375"(9.5mm) lead length (See Fig.1)
Maximum instantaneous forward voltage
(Note 1 )
T =25 C
T =100 C
A
A
Typical thermal resistance (Note 2)
Operating junction temperature range
Storage temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage(Note 1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
5.0
120
-65 to+125
-65 to+150
55.0
17.0
0.35
30
0.55
C/W
C
C
Symbols
Volts
Volts
Volts
Volts
60
42
60
VF at 3.0 A
VF at 5.0 A
0.5
SS56AF
SMAF
Dimensions in inches and (millimeters)
0.063(1.6 )
0.051(1.3)
5
°
0.110(2.8 )
0.094(2.4)
0.146(3.70)
0.128(3.25)
0.193(4.90)
0.172(4.35)
0.059(1.5)
0.035(0.9)
0.012(0.3)
0.004(0.1)
0.047(1.2)
0.028(0.6)


Similar Part No. - SS56AF

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS56A BILIN-SS56A Datasheet
552Kb / 4P
Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SS56A FS-SS56A Datasheet
417Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SS56A LEIDITECH-SS56A Datasheet
371Kb / 3P
Schottky rectifier
logo
FutureWafer Tech Co.,Lt...
SS56A FUTUREWAFER-SS56A Datasheet
1Mb / 9P
Schottky Barrier Diode
logo
SAMYANG ELECTRONICS CO....
SS56A SAMYANG-SS56A Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS56AF

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
LL5817 SAMYANG-LL5817 Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
LS22 SAMYANG-LS22 Datasheet
931Kb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS56SLS SAMYANG-SS56SLS Datasheet
1Mb / 3P
SCHOTTKY BARRIE R RECTIFIER
SM5817 SAMYANG-SM5817 Datasheet
802Kb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS32AF SAMYANG-SS32AF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS32T SAMYANG-SS32T Datasheet
956Kb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54AF SAMYANG-SS54AF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54BF SAMYANG-SS54BF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54L SAMYANG-SS54L Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54T SAMYANG-SS54T Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com