Electronic Components Datasheet Search
  English  ▼

X  

30LVQ15-R Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 30LVQ15-R
Description  EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30LVQ15-R Datasheet(HTML) 5 Page - Vishay Siliconix

  30LVQ15-R Datasheet HTML 1Page - Vishay Siliconix 30LVQ15-R Datasheet HTML 2Page - Vishay Siliconix 30LVQ15-R Datasheet HTML 3Page - Vishay Siliconix 30LVQ15-R Datasheet HTML 4Page - Vishay Siliconix 30LVQ15-R Datasheet HTML 5Page - Vishay Siliconix 30LVQ15-R Datasheet HTML 6Page - Vishay Siliconix 30LVQ15-R Datasheet HTML 7Page - Vishay Siliconix 30LVQ15-R Datasheet HTML 8Page - Vishay Siliconix 30LVQ15-R Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
30LV Series
www.vishay.com
Vishay Cera-Mite
Revision: 30-Sep-2021
5
Document Number: 23103
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AC CURRENT VS. VOLTAGE (TYPICAL)
INSERTION LOSS VS. FREQUENCY (Typical)
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
Axis Title
AC Voltage (V) RMS
▬▬▬
30LVQ10-R
▬▬▬
30LVQ15-R
▬▬▬
30LVQ22-R
▬▬▬
30LVQ33-R
▬▬▬
30LVQ47-R
▬▬▬
30LVQ68-R
10
100
1000
10000
0
0.5
1.0
1.5
2.0
0
500
1000
1500
2000
2500
Axis Title
AC Voltage (V) RMS
▬▬▬
30LVT10-R
▬▬▬
30LVT15-R
▬▬▬
30LVT22-R
▬▬▬
30LVT33-R
▬▬▬
30LVT47-R
▬▬▬
30LVT56-R
▬▬▬
30LVTT68-R
▬▬▬
30LVTD10-R
▬▬▬
30LVTD15-R
10
100
1000
10000
0
0.5
1.0
1.5
2.0
0
500
1000
1500
2000
2500
Axis Title
AC Voltage (V) RMS
▬▬▬
30LVT68-R
▬▬▬
30LVD10-R
▬▬▬
30LVD15-R
▬▬▬
30LVD20-R
▬▬▬
30LVD22-R
▬▬▬
30LVD27-R
▬▬▬
30LVD28-R
▬▬▬
30LVD30-R
▬▬▬
30LVD32-R
▬▬▬
30LVD33-R
10
100
1000
10000
0
2
4
6
8
10
0
500
1000
1500
2000
2500
Axis Title
AC Voltage (V) RMS
▬▬▬
30LVD47-R
▬▬▬
30LVD50-R
▬▬▬
30LVD55-R
▬▬▬
30LVT56-R
▬▬▬
30LVD68-R
▬▬▬
30LVD80-R
▬▬▬
30LVD90-R
▬▬▬
30LVS10-R
▬▬▬
30LVDS15-R
10
100
1000
10000
100
50
40
30
20
10
110
100
1000
Axis Title
Frequency (MHz)
30LVQ10-R
30LVQ15-R
30LVQ22-R
30LVQ68-R
30LVQ47-R
30LVQ33-R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com